Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 11Page - Texas Instruments TUSB6250 Datasheet HTML 12Page - Texas Instruments TUSB6250 Datasheet HTML 13Page - Texas Instruments TUSB6250 Datasheet HTML 14Page - Texas Instruments TUSB6250 Datasheet HTML 15Page - Texas Instruments TUSB6250 Datasheet HTML 16Page - Texas Instruments TUSB6250 Datasheet HTML 17Page - Texas Instruments TUSB6250 Datasheet HTML 18Page - Texas Instruments TUSB6250 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 124 page
background image
Device Parameter Information
4−2
SLLS535A − January 2004
TUSB6250
4.2
Terminal Functions
Table 4−1. Controller Terminal Description (80-Pin TQFP)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
TYPE
NOTES
DESCRIPTION
INTEGRATED USB 2.0 UTMI-COMPLIANT PHY
AGND
7, 10,
16
GND
Analog ground. All ground terminals should be connected together externally through a low
impedance path. All bypass capacitors to PLLVDD18, UDVDD18, and AVDD should connect to
ground through a low-impedance path.
AVDD
6, 13
PWR
3.3-V supply voltage for the integrated USB 2.0 UTMI-compliant PHY’s internal analog circuitry.
This supply is also regulated internally down to 1.8 V for use by the PHY’s internal digital circuitry
when VREGEN is asserted. Bypass capacitors are required on these terminals to ground.
DM
15
I/O
USB differential data minus
DP
14
I/O
USB differential data plus
PLLVDD18
8
PWR
1.8-V supply for the internal PLL circuitry of the integrated USB 2.0 UTMI-compliant PHY. An
internal voltage regulator generates this supply when terminal VREGEN is asserted. When
VREGEN is de-asserted, 1.8 V must be supplied externally. Bypass capacitance is required on
this terminal regardless of the state of VREGEN. It is recommended that the capacitance on this
terminal not be less then 1
µF.
R1
11
I/O
External reference resistor. An internally generated bandgap voltage is placed on this resistor. The
current through the resistor is mirrored internally to generate the current and voltage used by the
internal analog circuitry. This pin has nominally 1.21 V dc. An external 5.9-k
Ω ±1% resistor must
be placed between this terminal and the ground. It is recommended that the resistor be placed as
close as possible to this terminal with a minimal trace length to ground.
RPU
5
I/O
Pullup resistor connection. This terminal is used to electrically attach and detach the full-speed
indicator resistor to/from the DP signal line. An external 1.5-k
Ω ±5% resistor must be placed
between RPU and AVDD.
UDVDD18
9
PWR
1.8-V supply for the internal digital circuitry of the integrated USB 2.0 UTMI-compliant PHY. An
internal voltage regulator generates this supply when terminal VREGEN is asserted. When
VREGEN is de-asserted, 1.8 V must be supplied externally. Bypass capacitance is required on
this terminal regardless of the state of VREGEN. It is recommended that the capacitance on this
terminal not be less then 1
µF.
VREGEN
12
I
Voltage regulator enable (active-low). Two internal 3.3-V to 1.8-V voltage regulators supply the
digital and PLL circuitry when this terminal is asserted. When this terminal is de-asserted, the
voltage regulators are disabled and 1.8 V must be supplied externally.
CONTROLLER GENERAL
DVREGEN
1
I
(4)
This active-low terminal is used to enable the 3.3-V to 1.8-V voltage regulator in the TUSB6250’s
digital core. See the separate application note regarding the power sequence related to this
terminal.
RSTI
2
I
(4)
The TUSB6250 master reset signal. This active-low terminal is the master reset signal for the
TUSB6250. See section 13.2 for detailed reset timing information.
P3.0/SIN
79
I/O
(1)(6)
(8)
This dual-function terminal can be used as either GPIO or the serial data input of the integrated
8051 microcontroller’s serial port. The power-up default is to have its internal pullup activated.
P3.1/SOUT
78
I/O
(1)(6)
(8)
This dual-function terminal can be used as either GPIO or the serial data output of the integrated
8051 microcontroller’s serial port. The power-up default is to have its internal pullup activated.
SCL
21
O
(7)(8)
Master I2C controller: clock signal for external I2C serial EEPROM. The internal 100-
µA pullup
resistor on this terminal is always enabled.
SDA
22
I/O
(4)(7)
(8)
Master I2C controller: data signal for external I2C serial EEPROM. The internal 100-
µA pullup
resistor on this terminal is always enabled.
TSTMODE1
TSTMODE2
19
20
I
(4)(8)
These terminals are used for factory test of the TUSB6250. During normal operation, these
terminals should be left open.
VBUS
4
I
(5)(10)
This terminal monitors the status of the USB upstream VBUS. It has the internal pulldown resistor
activated as the power-on reset default.
XTAL2
17
O
(12)
24-MHz crystal output. This terminal has a 1.8-V LVCMOS output buffer.
XTAL1
18
I
(11)
24-MHz crystal input. This terminal has a 1.8-V LVCMOS input buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com