Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 51Page - Texas Instruments TUSB6250 Datasheet HTML 52Page - Texas Instruments TUSB6250 Datasheet HTML 53Page - Texas Instruments TUSB6250 Datasheet HTML 54Page - Texas Instruments TUSB6250 Datasheet HTML 55Page - Texas Instruments TUSB6250 Datasheet HTML 56Page - Texas Instruments TUSB6250 Datasheet HTML 57Page - Texas Instruments TUSB6250 Datasheet HTML 58Page - Texas Instruments TUSB6250 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 124 page
background image
8−14
SLLS535A − January 2004
TUSB6250
8.9.3 OEPCNFG_0: Output Endpoint-0 Configuration Register (XDATA at F003)
The OEPCNFG_0 register contains various bits used to configure and control this endpoint.
765
43210
UBME
NAK_INTE
TOGLE
RSV
STALL
USBIE
RSV
RSV
R/W
R/W
R/O
R/O
R/W
R/W
R/O
R/O
BIT
NAME
RESET
FUNCTION
1−0
RSV
00
Reserved = 00
2
USBIE
0
USB interrupt enable on transaction completion. Set/cleared by the MCU.
USBIE = 0 No interrupt
USBIE = 1 Interrupt on transaction completion.
3
STALL
0
USB stall condition indication. Set/cleared by MCU.
STALL = 0 No stall
STALL = 1 USB stall condition. If set by the MCU, a STALL handshake is initiated and the bit is
cleared automatically.
4
RSV
0
Reserved = 0
5
TOGLE
0
USB toggle bit
6
NAK_INTE
0
NAK interrupt enable
NAK_INTE = 0 NAK does not trigger interrupt
NAK_INTE = 1 NAK triggers an interrupt
7
UBME
0
UBM enable/disable bit. Set/cleared by the MCU.
UBME = 0 UBM can not use this endpoint.
UBME = 1 UBM can use this endpoint.
8.9.4 OEPBCN_0: Output Endpoint-0 Buffer Byte Count Register (XDATA at F004)
The OEPBCN_0 register contains the NAK bit and a 7-bit value used to specify the amount of data received
in a data packet from USB host.
765
43210
NAK
C6
C5
C4
C3
C2
C1
C0
R/W
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
6−0
C [6:0]
00h
Byte count. Only count of 0 to 64 (00h to 40h) is supported.
00h Byte count = 0
:
40h Byte count = 64
41h to 7Fh should not be used. If the USB host sends more than 64 bytes of data to this endpoint, the
TUSB6250 hardware treats it as an illegal packet. When this condition happens, the hardware does not
update the byte count in the OEBPCN_0 register if it contains the value from the previous packet. There
is no ACK or NAK response generated by the hardware. The MCU is not informed with the arrival of this
illegal packet.
7
NAK
0
NAK = 0 Buffer is empty and ready for a host-out request.
NAK = 1 Buffer contains a valid packet from host (will NAK host-out request).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com