Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 68Page - Texas Instruments TUSB6250 Datasheet HTML 69Page - Texas Instruments TUSB6250 Datasheet HTML 70Page - Texas Instruments TUSB6250 Datasheet HTML 71Page - Texas Instruments TUSB6250 Datasheet HTML 72Page - Texas Instruments TUSB6250 Datasheet HTML 73Page - Texas Instruments TUSB6250 Datasheet HTML 74Page - Texas Instruments TUSB6250 Datasheet HTML 75Page - Texas Instruments TUSB6250 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 124 page
background image
Miscellaneous and GPIO Configuration Registers
9−7
SLLS535A − January 2004
TUSB6250
9.7
PUPDSLCT_ATPOUT: Pullup and Pulldown Resistor Selection Register for
ATA/ATAPI Outputs (XDATA at F08F)
The PUPDSLCT_ATPOUT register allows the MCU to select the desired integrated pullup or pulldown
resistors for the TUSB6250’s ATA/ATAPI output terminals. Normally, these resistors are not used in functional
operation. However, they can be used to help achieve the low-power suspend budget for bus-powered
applications. All pulldown resistors on the ATA/ATAPI bus are enabled as a power-up default, since the
TUSB6250’s ATA/ATAPI output buffers are turned off during power up. The MCU must write to the
PUPDPWDN_ATPOUT register to disable all the undesired pulldown resistors when it is ready to enable and
drive the ATA/ATAPI bus.
Each bit in the PUPDSLCT_ATPOUT register can be configured individually by the MCU by:
•
If the MCU sets any bit to 1, the pullup resistor is selected and the pulldown resistor is deselected.
•
If the MCU clears any bit to 0, the pulldown resistor is selected and the pullup resistor is deselected.
The power-up default is the pulldown resistor enabled and the pullup resistor disabled for all the ATA/ATAPI
output pins.
765
43210
RSV
PUSLRSTATA
PUSLDIOW
PUSLDIOR
PUSLDMACK
PUSLDA
PUSLCS1
PUSLCS0
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
PUSLCS0
0
CS0 pin pullup/pulldown resistor selection by the MCU.
1
PUSLCS1
0
CS1 pin pullup/pulldown resistor selection by the MCU.
2
PUSLDA
0
DA2, DA1, and DA0 pins pullup/pulldown resistor selection by the MCU.
3
PUSLDMACK
0
DMACK pin pullup/pulldown resistor selection by the MCU.
4
PUSLDIOR
0
DIOR pin pullup/pulldown resistor selection by the MCU.
5
PUSLDIOW
0
DIOW pin pullup/pulldown resistor selection by the MCU.
6
PUSLRSTATA
0
RST_ATA pin pullup/pulldown resistor selection by the MCU.
Whenever the MCU sets the HARD_RST bit in the ATPIFCNFG1 register, this bit is cleared,
which means the pulldown resistor is selected.
7
RSV
0
Reserved = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com