Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 55Page - Texas Instruments TUSB6250 Datasheet HTML 56Page - Texas Instruments TUSB6250 Datasheet HTML 57Page - Texas Instruments TUSB6250 Datasheet HTML 58Page - Texas Instruments TUSB6250 Datasheet HTML 59Page - Texas Instruments TUSB6250 Datasheet HTML 60Page - Texas Instruments TUSB6250 Datasheet HTML 61Page - Texas Instruments TUSB6250 Datasheet HTML 62Page - Texas Instruments TUSB6250 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 124 page
background image
8−18
SLLS535A − January 2004
TUSB6250
8.10.3
IEPBCNLX_n: Input Endpoint X-Buffer Byte Count Low-Byte Register (n = 1
to 4) (XDATA at F012, F022, F032, F042)
The IEPBCNLX_n register contains the lower 8-bit value in the X buffer that is used to specify the amount of
data to be transmitted in a data packet to the USB host.
765
43210
C7
C6
C5
C4
C3
C2
C1
C0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
C [7:0]
00h
X-buffer byte count: low byte
8.10.4
IEPBCNHX_n: Input Endpoint X-Buffer Byte Count High-Byte Register (n = 1 to
4) (XDATA at F013, F023, F033, F043)
The IEPBCNHX_n register contains the NAK bit and the higher 3-bit value in the X buffer that is used to specify
the amount of data to be transmitted in a data packet to the USB host.
765
43210
NAK
RSV
RSV
RSV
RSV
C10
C9
C8
R/W
R/O
R/O
R/O
R/O
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
2−0
C [10:8]
0
X-buffer byte count higher 3 bits. These bits in combination with C[7:0] provide the byte count of a given
transaction (count = 0 to 2047).
6−3
RSV
0
Reserved = 0
7
NAK
0
NAK bit is used as flow control handshake for X buffer.
NAK = 0 This bit is cleared to 0 by the firmware to indicate that the endpoint data buffer contains a
valid packet for Host-IN request.
NAK = 1 This bit is set to 1 by the TUSB6250 hardware to indicate that the endpoint data buffer is empty
(will NAK Host-IN request).
Below is the procedure to be followed by the firmware when using the NAK bit for flow control handshake. For
the purpose of illustration, it is assumed that the double buffer (DBUF) is enabled. If DBUF is not enabled, the
X buffer is always used regardless of the value of the data packet PID of the coming in-transfer.
•
The first in-transfer comes when the in-endpoint buffer is empty (data payload not ready for the in-transfer
received) and NAK =1. The TUSB6250 responds to the in-transfer with a NAK handshake and starts
preparing the data payload required for this in-transfer.
•
The MCU is alerted with a NACK interrupt to the current in-endpoint. The firmware loads the data into
either the X buffer or Y buffer depending on the below conditions:
•
If DBUF = 1, TOGLE = 0, and the data PID = DATA0:
The firmware loads the data into the X buffer of the endpoint data buffer (4K bytes EDB) and updates
the X-buffer byte count information in IEPBCNLX_n and IEPBCNHX_n registers.
•
If DBUF = 1, TOGLE = 1 and the data PID = DATA1:
The firmware loads the data into the Y buffer of the endpoint data buffer (4K byte EDB) and updates
the Y-buffer byte count information in the IEPBCNLY_n and IEPBCNHY_n registers.
•
The firmware then clears the NAK bit to 0 to indicate to the TUSB6250 hardware that a valid data packet
with the specified byte count is ready to be transmitted to the USB host.
•
The TUSB6250 hardware sends the data packet in the length specified upon the USB host sending the
next IN-request with a valid IN-token.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com