Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 6Page - Texas Instruments TUSB6250 Datasheet HTML 7Page - Texas Instruments TUSB6250 Datasheet HTML 8Page - Texas Instruments TUSB6250 Datasheet HTML 9Page - Texas Instruments TUSB6250 Datasheet HTML 10Page - Texas Instruments TUSB6250 Datasheet HTML 11Page - Texas Instruments TUSB6250 Datasheet HTML 12Page - Texas Instruments TUSB6250 Datasheet HTML 13Page - Texas Instruments TUSB6250 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 124 page
background image
Main Features
2−1
SLLS535A − January 2004
TUSB6250
2
Main Features
2.1
Universal Serial Bus (USB)
•
Fully compliant with USB 2.0 specification
•
Integrated USB 2.0 UTMI compliant transceiver (PHY)
•
Supports USB high speed (HS, 480 Mbits/sec) and full speed (FS, 12 Mbits/sec)
•
Supports USB suspend/resume and remote wake-up operation
•
Supports USB device unique serial number by using on-chip unique die-id
•
Supports eight configurable endpoints (four input and four output) with a user-programmable buffer size,
in addition to the default control endpoint (endpoint 0):
−
Each endpoint can be configured for interrupt and bulk (double buffered) transfers.
−
All endpoints share the 4K byte data buffer implemented in the SPRAM (single port SRAM).
2.2
Microcontroller Unit (MCU)
•
Integrated 60-MHz 8051 microcontroller with two clocks per cycle (up to 30 MIPS)
•
Application code is loadable from either the USB host or the external EEPROM (via the I2C interface)
•
8K bytes of ROM for the boot loader
•
1152 bytes of RAM with multiple bank selectable capability for the internal data buffer (IDATA space)
•
40K bytes of RAM, configurable for either code or data space, which provides flexibility to the end product
application:
−
32K byte code RAM with 8K byte sector buffer data space
−
16K byte code RAM with 24K byte sector buffer data space
−
8K byte code RAM with 32K byte sector buffer data space
•
Master I2C interface controller for external device accesses capable of 100 Kbits/sec or 400 Kbits/sec
transfer speed.
•
Up to 13 GPIOs and three general-purpose open-drain outputs can be used for end product specific
functions.
2.3
ATA/ATAPI Interface Controller
•
Supports USB mass storage device class specification bulk-only transfer protocol
•
Glueless interface to ATA and ATAPI drives with full ATA and ATAPI protocol support
•
High-performance DMA engine supports all PIO, multiword DMA, and UDMA transfer modes up to UDMA
mode 4 (UDMA-66 or ATA-66).
•
Correctly handles all 13 cases in bulk-only transfer protocol under all supported transfer modes.
•
Fully programmable ATA/ATAPI interface access timing
•
Provides multiple flexible transfer options to achieve both high-speed transfer by the state machine and
high flexibility with MCU involvement:
−
Fully-manual transfer (both command and data) by the MCU
−
Semi-auto transfer with command transfer by the MCU and data transfer by the state machine
−
High-performance fully-auto data transfer mainly by the state machine with few MCU involvements.
•
Supports mass-storage devices compatible with the ATA/ATAPI-5 specification:
−
Hard-disk drive
−
DVD/CD−ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com