Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 27Page - Texas Instruments TUSB6250 Datasheet HTML 28Page - Texas Instruments TUSB6250 Datasheet HTML 29Page - Texas Instruments TUSB6250 Datasheet HTML 30Page - Texas Instruments TUSB6250 Datasheet HTML 31Page - Texas Instruments TUSB6250 Datasheet HTML 32Page - Texas Instruments TUSB6250 Datasheet HTML 33Page - Texas Instruments TUSB6250 Datasheet HTML 34Page - Texas Instruments TUSB6250 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 124 page
background image
Microcontroller Unit (MCU)
6−8
SLLS535A − January 2004
TUSB6250
6.3
MCU Control and Status Registers (in SFR and ESFR Space)
This section describes the PCON register (in standard 8051 SFR space) and all the registers added to the
standard 8051 special function registers (SFRs) space in the TUSB6250 controller. These added registers
are referred to as extended special function registers (ESFRs).
For information regarding the standard SFRs, see the industry standard 8051 specification. Table 6−3 outlines
the standard and extended 8051 registers in the IDATA space.
Table 6−3. SFR Map [IDATA: 80
→ FF] (Shaded Area Indicates ESFRs)
DESCRIPTION
LABEL
ADDRESS
Port 0
P0
80
Stack pointer
SP
81
Data pointer LB
DPL
82
Data pointer HB
DPH
83
Power control register
PCON
87
Timer/counter control
TCON
88
Timer/counter mode
TMOD
89
Timer/counter 0 LB
TL0
8A
Timer/counter 1 LB
TL1
8B
Timer/counter 0 HB
TH0
8C
Timer/counter 1 HB
TH1
8D
Port 1
P1
90
Serial control register
SCOM
98
Serial data buffer
SBUF
99
Port 2
P2
A0
Interrupt enable register
IE
A8
Port 3
P3
B0
Interrupt priority register
IP
B8
Break point status register
BPSTA
BD
Break point register 1 (LB) (see Note 1)
BPL1
BE
Break point register 1 (HB)
PBH1
BF
Reserved (see Note 2)
C0
Break point register 2 (LB)
BPL2
C1
Break point register 2 (HB)
PBH2
C2
Reserved
C3
Break point register 3 (LB)
BPL3
C4
Break point register 3 (HB)
PBH3
C5
Reserved
C6
Break point register 4 (LB)
BPL4
C7
Break point register 4 (HB)
PBH4
C8
Reserved
C9
Jump-to-monitor address register (LB)
JTML
CA
Jump-to-monitor address register (HB)
JTMH
CB
Reserved
CC
Reserved
CD
Stack break point register
SBK
CE
Break point control register
BPCRL
CF
Program status word
PSW
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com