Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 70Page - Texas Instruments TUSB6250 Datasheet HTML 71Page - Texas Instruments TUSB6250 Datasheet HTML 72Page - Texas Instruments TUSB6250 Datasheet HTML 73Page - Texas Instruments TUSB6250 Datasheet HTML 74Page - Texas Instruments TUSB6250 Datasheet HTML 75Page - Texas Instruments TUSB6250 Datasheet HTML 76Page - Texas Instruments TUSB6250 Datasheet HTML 77Page - Texas Instruments TUSB6250 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 124 page
background image
I2C Interface Controller
10−1
SLLS535A − January 2004
TUSB6250
10
I2C Interface Controller
The master-only I2C interface controller in the TUSB6250 provides a simple two-wire serial interface for the
MCU to communicate with the external EEPROM. It supports single-byte or multiple-byte read and write
operations. The I2C interface controller can be programmed to operate at either 100 Kbit/sec or 400 Kbit/sec.
In addition, the protocol supports 8-bit or 16-bit addressing for accessing the I2C slave device memory
locations. The embedded I2C interface controller however, does not support a multimaster bus environment
(no bus arbitration).
The main function of the I2C interface controller is to provide the data path for the descriptor and application
firmware to be downloaded from the external I2C EEPROM to the internal on-chip code RAM. The TUSB6250
only supports widely available 3.3-V I2C serial EEPROMs. The two interface signals provided by the I2C
interface controller are the serial clock signal (SCL) and the serial data signal (SDA). The SCL signal is output
only open-drain. The SDA signal is a bidirectional signal that uses an open-drain output to allow the TUSB6250
to be wire-ORed with other I2C slave devices that use open-drain or open-collector outputs. Internal weak
100-
µA pullup resistors are built into both the SCL and SDA pins. The pullup resistors are always activated
after a power-up reset.
All read and write data transfers on the I2C serial bus are initiated by the master device. The master device
is also responsible for generating the clock signal used for all data transfers. The data is transferred on the
bus serially, one bit at a time. However, the protocol requires that the address and data be transferred in byte
(8 bit) format with the most-significant bit (MSB) transferred first. In addition, each byte transferred on the bus
is acknowledged by the receiving device with an acknowledge bit.
Each transfer operation begins with the master device driving a start condition on the bus and ends with the
master device driving a stop condition on the bus. During I2C serial data transmission, the SDA line must be
stable, while the SCL signal is high, which also means that the SDA signal can only change state while the
SCL signal is low.
•
The start condition of the I2C serial transmission is defined as a high-to-low transition of the SDA signal
while the SCL signal is high.
•
The stop condition is defined as a low-to-high transition of the SDA signal, while the SCL signal is high.
•
The acknowledge is defined as a stable low of the SDA line driven by the receiver after each byte has been
received, except when the receiver is unable to receive or transmit or after the master-receiver receives
the last byte. The transmitter must release the SDA line during the acknowledge clock phase.
For the detailed behavior and protocol of the I2C data transmission, see the industry standard I2C bus
specification.
Based on the I2C convention, there are normally two types of I2C devices:
•
Category II device: For those I2C EEPROMs with a size less than 4K bytes (up to 11-bit EEPROM address
bits could be used).
•
Category III device: For those I2C EEPROMs with a size larger than 4K bytes (up to 16-bit EEPROM
address bits could be used).
For application firmware with sizes larger than 4K bytes, the TUSB6250 boot code requires that the application
firmware be stored in an external I2C EEPROM, with its device address A0 pin (the least significant device
address input pin or chip select-0 as referred to in some I2C EEPROM’s data manual) tied to 1. This indicates
to the boot code that the I2C EEPROM connected to the I2C interface of the TUSB6250 is a category III I2C
EEPROM.
Developers should not confuse the I2C device address with the I2C EEPROM address. The I2C device address
is the address for a particular I2C EEPROM device, which should be set up in the I2CADR register and sent
to the I2C EEPROM. The I2C EEPROM address is the I2C’s internal EEPROM memory cell address, which
should be set up in the I2CDOUT register and sent to the I2C EEPROM during data phase communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com