Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 20Page - Texas Instruments TUSB6250 Datasheet HTML 21Page - Texas Instruments TUSB6250 Datasheet HTML 22Page - Texas Instruments TUSB6250 Datasheet HTML 23Page - Texas Instruments TUSB6250 Datasheet HTML 24Page - Texas Instruments TUSB6250 Datasheet HTML 25Page - Texas Instruments TUSB6250 Datasheet HTML 26Page - Texas Instruments TUSB6250 Datasheet HTML 27Page - Texas Instruments TUSB6250 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 124 page
background image
Microcontroller Unit (MCU)
6−1
SLLS535A − January 2004
TUSB6250
6
Microcontroller Unit (MCU)
The embedded MCU is a high-performance version (8051 warp core) of the standard 8-bit 8051
microcontroller, requiring just two clocks per machine cycle, while keeping functional compatibility with the
standard part. This allows the embedded MCU to run up to six times faster than the standard part for the same
power consumption. The ratio of two clock cycles to one machine cycle is constant across the instruction set
and all addressing modes, so as to maintain the instruction execution time compatibility with other devices.
The MCU is the central processing unit controlling the overall activity of the TUSB6250 controller with the
application firmware, which is loaded into the TUSB6250 controller’s internal embedded code RAM space
from either the external I2C EEPROM or the USB host in a PC.
The MCU, with its firmware, through accessing all the related USB and ATA/ATAPI registers, can configure
the USB functions of the TUSB6250 controller, such as the characteristics of endpoints, remote wakeup
capability, low power enable feature, interrupts to MCU, GPIO configuration, etc. It also configures the
ATA/ATAPI interface controller’s behavior, such as the way of the TUSB6250 controller’s internal data
movement, ATA/ATAPI interface data transfer modes, and timing.
6.1
MCU Memory Map
The industry standard 8051 microcontroller normally organizes its complete memory space into three major
categories: program memory, internal data memory, and external data memory. Following this convention, the
embedded MCU memory space of the TUSB6250 controller is referred to throughout this data manual as:
•
Program memory is also referred to as the code space.
•
Internal data memory refers to the 1152 bytes of IDATA memory.
•
External data memory refers to the internal XDATA space, including the MMRs and 4K byte data buffers
of the EDB, since the data memory is integrated in this device, although external to the embedded MCU
core.
Figure 6−1 illustrates the MCU memory map. Note that the internal IDATA space is not shown, since it is
allocated in the same location as the standard 8051 microcontroller (starting from 0x00 hex). The enhanced
IDATA memory embedded in the TUSB6250 controller, with a size of 1152 bytes, can be used for multitasking
firmware to speed up execution.
The shaded areas represent the internal ROM/RAM.
•
The 8K bytes of ROM containing the boot code are mapped to address (0000−1FFF).
•
The 8K bytes of RAM (fixed as code space for application firmware) are mapped to address range
(2000−3FFF).
•
The other 8K bytes of RAM (fixed as sector FIFO), as shown in the unshaded area enclosed with the dotted
line, are directly accessible by the internal ATA/ATAPI interface controller.
•
The 4K bytes data buffers of the end point descriptor block (EDB) are mapped to address range
(E000−EFFF), which are implemented by the single port RAM (SPRAM).
•
Memory mapped register (MMRs) and other buffers are mapped to address range (F000−F0F9), which
are all implemented by registers. The MMRs include registers used for USB, I2C, ATA/ATAPI interface
configuration, GPIO, pullup/pulldown control, etc.
•
The actual configuration of the middle 24K bytes of RAM (4000−9FFF), which are part of the 40K bytes
of configurable RAM for code and data space, depends on the RAMPARTN bits in the MODECNFG
register.
•
After power up, RAMPARTN = 00 is the default. This configures the 24K bytes RAM as code space
with the address mapped to 4000−9FFF and yields total 32K bytes of code RAM from 2000−9FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com