Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 4Page - Texas Instruments TUSB6250 Datasheet HTML 5Page - Texas Instruments TUSB6250 Datasheet HTML 6Page - Texas Instruments TUSB6250 Datasheet HTML 7Page - Texas Instruments TUSB6250 Datasheet HTML 8Page - Texas Instruments TUSB6250 Datasheet HTML 9Page - Texas Instruments TUSB6250 Datasheet HTML 10Page - Texas Instruments TUSB6250 Datasheet HTML 11Page - Texas Instruments TUSB6250 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 124 page
background image
Controller Description
1−1
SLLS535A − January 2004
TUSB6250
1
Controller Description
The TUSB6250 is a USB 2.0 HS-capable function controller with an integrated UTMI compliant PHY. The
TUSB6250 is intended as a USB 2.0 to ATA/ATAPI bridge for storage devices using a standard ATA or ATAPI
interface.
The TUSB6250 is designed to utilize both the fast performance of the state machine and the programmability
and flexibility of the embedded microcontroller and firmware. With the elaborative balance between the
microcontroller unit (MCU) and the state machine, in addition to its embedded fast MCU (up to 30 MIPS), eight
configurable endpoints, up to 40K bytes of configurable code, and data buffer SRAM, the TUSB6250 provides
a bridge solution to meet both the performance and flexibility requirement of the next generation external
storage devices. With a low power consumption USB 2.0 integrated PHY, the TUSB6250 also enables the true
USB 2.0 high-speed bus-powered application.
1.1
Acronyms and Terms
This section lists and defines some terms and abbreviations used throughout this data manual.
R/O
Read-only. Implies a certain register bit is read only.
W/O
Write-only. Implies a certain register bit is write only. The read operation to this bit normally returns
a zero value.
R/W
Read/write. Implies a certain register bit can be accessed with both write and read operation.
R/C
Read/set-clear. Implies a certain register bit can be read and cleared to its reset default value by
the MCU writing a certain value to it. The write-to-clear value may vary and depends on the
condition defined in a particular register.
W/C
Write/Clear. Implies a register bit can be written to perform certain clear functions defined in a
particular register. The bit value being written to remains active for one clock cycle. It is cleared
thereafter automatically. The read operation to this bit always returns a zero value.
MCU
Microcontroller unit. In this data manual, MCU refers to the microcontroller embedded in the
TUSB6250.
EDB
Endpoint descriptor block. This is a set of registers used to define the characteristics of an endpoint
of a USB device.
UBM
USB buffer manager. This is a major functional block of the TUSB6250.
SPRAM
Single port RAM
Little endian
For the data with multiple bytes, the little endian means that the byte order is organized such that
byte 0 is the least significant byte. The bit order within each individual byte is always the same
regardless of which endianess is used; that is, bit 7 is always the most significant bit.
Big endian
For the data with multiple bytes, the big endian means that the byte order is organized such that
byte 0 is the most significant byte. The bit order within each individual byte is always the same
regardless of which endianess is used; that is, bit 7 is always the most significant bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com