Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 89 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 85Page - Texas Instruments TUSB6250 Datasheet HTML 86Page - Texas Instruments TUSB6250 Datasheet HTML 87Page - Texas Instruments TUSB6250 Datasheet HTML 88Page - Texas Instruments TUSB6250 Datasheet HTML 89Page - Texas Instruments TUSB6250 Datasheet HTML 90Page - Texas Instruments TUSB6250 Datasheet HTML 91Page - Texas Instruments TUSB6250 Datasheet HTML 92Page - Texas Instruments TUSB6250 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 124 page
background image
ATA/ATAPI Interface Port
11−8
SLLS535A − January 2004
TUSB6250
11.4 ATA/ATAPI Group 0 (Task_File) Registers
Table 11−1. Task_File Registers (Group 0)
MMR
ADDRESS
OFFSET ADDRESS
(BASE ADDRESS = F0C0)
REGISTER DESCRIPTION
F0C0
00 h
Task_File0 register
F0C1
01 h
Task_File1 register
F0C2
02 h
Task_File2 register
F0C3
03 h
Task_File3 register
F0C4
04 h
Task_File4 register
F0C5
05 h
Task_File5 register
F0C6
06 h
Task_File6 register
F0C7
07 h
Task_File7 register
F0C8
08 h
Task_File8 register
F0C9
09 h
Task_File9 register
F0CA
0A h
Task_File10 register
F0CB
0B h
Task_File11 register
F0CC
0C h
Task_File12 register
F0CD
0D h
Task_File13 register
F0CE
0E h
Task_File14 register
F0CF
0F h
Task_File15 register
The Task_File0 to Task_File15 registers are used to send ATA/ATAPI commands and command required
parameters to the ATA/ATAPI interface. The MCU performs read and write operations to these Task_File
registers. This group of registers is only used in the fully-auto mode that is described in the previous section,
in which the ATA/ATAPI controller is responsible to perform transfer writes in the command stage of a given
CBW. The firmware has to set the AUTO_CMD bit in the ATPIFCNFG1 register to enable this automatic
command transfer feature.
•
If the AUTO_CMD bit is set and the external storage device is an ATA device:
The MCU starts the command execution with the transaction state machine of the TUSB6250 ATA/ATAPI
controller writing the following Task_File registers to their corresponding ATA registers (called command
block registers) in the ATA device with the fixed sequence:
1.
Task_File6
→ Device/head register
2.
Task_File1
→ Feature register
3.
Task_File2
→ Sector count register
4.
Task_File3
→ Sector number register
5.
Task_File4
→ Cylinder low register
6.
Task_File5
→ Cylinder high register
7.
Task_File7
→ Command register
Once the write to these command block registers is done, if the command is not a nondata command, the
TUSB6250ATA/ATAPI controller prepares the data transfer.
•
If the AUTO_CMD bit is set and the external storage device is an ATAPI device:
The MCU starts the command execution with the transaction state machine of the ATA/ATAPI controller
first sending the packet command (command code A0h with DEV bit set to the value of DEV_SEL), then
transferring command packets to the data register with 16-bit data (Task_File1, Task_File0), (Task_File3,
Task_File2) and etc. up to the command_length. If the command_length is an odd number, it is rounded to
an even number. The maximum number of command_length is 16 bytes. Once writing a command packet
to the device is complete, if the ATAPI command is not a nondata command, the ATA/ATAPI controller
prepares the data transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com