| Electronic Components Datasheet Search |
|
TUSB6250 Datasheet(PDF) 78 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB6250 Datasheet(HTML) 78 Page - Texas Instruments |
|
78 / 124 page ![]() I2C Interface Controller 10−5 SLLS535A − January 2004 TUSB6250 10.4 Sequential-Read Operation Once the I2C EEPROM address is set, the MCU can execute a sequential-read operation by executing the following steps (this example illustrates a 32-byte sequential read): Device Address • The MCU sets I2CSCR [STOP] = 0. This forces the I2C controller to not generate a stop condition after the I2CDIN register contents are received. • The MCU writes the device address (R/W bit = 1) to the I2CADR register (read operation). • The MCU writes a dummy byte to the I2CDOUT register (this starts the transfer on the SDA line). • The RXF bit in the I2CSCR register is cleared. • The contents of the I2CADR register are transmitted to the device (preceded by a start condition on SDA). N-Byte Read (31 Bytes) • Data from the device is latched into the I2CDIN register (stop condition is not transmitted). • The RXF bit in the I2CSCR register is set and interrupts the MCU, indicating that data is available. • The MCU reads the I2CDIN register. This clears the RXF bit (I2CSCR [RXF] = 0). • This operation repeats 31 times. Last-Byte Read (Byte 32) • The MCU sets I2CSCR [STOP] = 1. This forces the I2C controller to generate a stop condition after the I2CDAI register contents are received. • Data from the device is latched into the I2CDIN register (a stop condition is transmitted). • The RXF bit in the I2CSCR register is set and interrupts the MCU, indicating that data is available. • The MCU reads the I2CDIN register. This clears the RXF bit (I2CSCR [RXF] = 0). • End |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |