Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 78Page - Texas Instruments TUSB6250 Datasheet HTML 79Page - Texas Instruments TUSB6250 Datasheet HTML 80Page - Texas Instruments TUSB6250 Datasheet HTML 81Page - Texas Instruments TUSB6250 Datasheet HTML 82Page - Texas Instruments TUSB6250 Datasheet HTML 83Page - Texas Instruments TUSB6250 Datasheet HTML 84Page - Texas Instruments TUSB6250 Datasheet HTML 85Page - Texas Instruments TUSB6250 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 124 page
background image
ATA/ATAPI Interface Port
11−1
SLLS535A − January 2004
TUSB6250
11
ATA/ATAPI Interface Port
The ATA/ATAPI controller embedded in the TUSB6250 acts as a bridge between the device’s USB interface
and ATA/ATAPI interface. A high-performance DMA engine is implemented in the ATA/ATAPI controller to
move data automatically between the TUSB6250 sector FIFO and the ATA/ATAPI interface port where the
external ATA/ATAPI mass storage device is connected.
Unlike other state machine based USB 2.0 ATA/ATAPI mass storage bridge controllers on the market, the
TUSB6250 offers both the performance achieved by using a DMA, state machine, and the flexibility provided
through the MCU and firmware control.
Figure 11−1 illustrates the data flow between the TUSB6250’s USB interface and a mass storage device (for
example, a hard disk drive) connected to the controller’s ATA/ATAPI port. Figure 11−2 illustrates all major
blocks in the ATA/ATAPI controller. The TUSB6250 supports the USB mass storage class bulk-only transport
protocol, which consists of three stages for each data transfer: command, data, and status.
•
In the command stage, the host commands to the drive are processed by the MCU. The commands issued
by the USB host are transferred through the USB bulk pipe to the addressed USB bulk endpoint. The MCU
dispatches the commands to the proper ATA/ATAPI registers.
•
In the data stage, the TUSB6250 allows data to be transferred:
•
Either manually by firmware. As such, the data movement between the upstream USB interface and
the 4K byte EDB is processed by the UBM. However, the data between the 4K byte EDB and the
ATA/ATAPI interface is processed by the MCU;
•
Or automatically by the DMA engine in the ATA/ATAPI controller. As such, the UBM moves the data
between the upstream USB interface and the sector FIFO. Then, the data is automatically moved
between the sector FIFO and the ATA/ATAPI interface by the DMA engine without the MCU
intervention.
•
In the status stage, when a command is terminated, the ATA/ATAPI controller interrupts the MCU with
command completion or error information. The MCU then performs reads to the ATA/ATAPI drive’s status
registers and reports it back to the USB host via the addressed USB bulk-in endpoint.
Note that the sector data transfer is a half-duplex operation. The dotted line between the MCU and the sector
FIFO in the diagram indicates that the MCU can only access the sector FIFO indirectly by using the MCU
access address and data registers defined in the ATA/ATAPI group 2 register section.
USB
8K/24K/32K Byte
Size-Configurable
Sector FIFO RAM
UBM
ATA/ATAPI
Controller
State Machine
and DMA Engine
IDE
MCU
4K
Byte EDB
Figure 11−1. ATA/ATAPI-Port Data Flow Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com