Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 87Page - Texas Instruments TUSB6250 Datasheet HTML 88Page - Texas Instruments TUSB6250 Datasheet HTML 89Page - Texas Instruments TUSB6250 Datasheet HTML 90Page - Texas Instruments TUSB6250 Datasheet HTML 91Page - Texas Instruments TUSB6250 Datasheet HTML 92Page - Texas Instruments TUSB6250 Datasheet HTML 93Page - Texas Instruments TUSB6250 Datasheet HTML 94Page - Texas Instruments TUSB6250 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 124 page
background image
ATA/ATAPI Interface Port
11−10
SLLS535A − January 2004
TUSB6250
7
654
3
2
1
0
UABYCNAB
RSV
RSV
RSV
USBWPNABRTEN
DMADIRCKEN
TRANS_MOD1
TRANS_MOD0
R/W
R/O
R/O
R/O
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
1−0
TRANS_MOD [1:0]
00
ATA/ATAPI transfer mode.
TRANS_MOD = 00 PIO mode
TRANS_MOD = 01 Multiword DMA mode
TRANS_MOD = 10 Reserved
TRANS_MOD = 11 Ultra DMA mode
2
DMADIRCKEN
0
DMA direction check enable.
This bit, when set, enables the TUSB6250 state machine to automatically check the DMA
transfer direction matching between the TUSB6250 and the ATAPI device before
performing the ATAPI DMA data transfer. If there is a mismatch in DMA data transfer
direction, the data transfer is aborted and the ATP_DSEQ_ER in the ATPINTRPT1 register
is set to indicate the error. This bit is not used in ATA data transfer.
3
USBWPNABRTEN
0
USB write pending abort enable.
During a write data transfer to an ATA/ATAPI device, if any byte count mismatch occurs at
the USB interface side of the TUSB6250 the process of moving the last received data packet
from the sector FIFO to an ATA/ATAPI device is paused to wait for the MCU decision.
This bit, when set, allows the MCU to abort and flush the last received packet in sector FIFO.
This bit, when cleared, allows the MCU to move all the data stored in sector FIFO to an
ATA/ATAPI device up to the dCBWDataTransferLength.
The MCU has to make sure it sets this bit properly before clearing the USB_XFR_PND
interrupt.
6−4
RSV
000
These three bits must be set to 000 during normal operation.
7
UABYCNAB
0
USB or ATA/ATAPI byte count register access control bit.
UABYCNAB = 0 Enables the read access to the USB byte count register (xF0D6–xF0D9).
UABYCNAB = 1 Enables the read access to the ATAPI byte count register (xF0D6–xF0D9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com