Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 96 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 92Page - Texas Instruments TUSB6250 Datasheet HTML 93Page - Texas Instruments TUSB6250 Datasheet HTML 94Page - Texas Instruments TUSB6250 Datasheet HTML 95Page - Texas Instruments TUSB6250 Datasheet HTML 96Page - Texas Instruments TUSB6250 Datasheet HTML 97Page - Texas Instruments TUSB6250 Datasheet HTML 98Page - Texas Instruments TUSB6250 Datasheet HTML 99Page - Texas Instruments TUSB6250 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 124 page
background image
ATA/ATAPI Interface Port
11−15
SLLS535A − January 2004
TUSB6250
11.5.11
CMNDLNGTH: Command Length Register (XDATA at F0DA)
76
5
4
32
1
0
RSV
ATP_TRANS_DONE
ATP_DIS
CMD_LENG4
CMD_LENG3
CMD_LENG2
CMD_LENG1
CMD_LENG0
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
4−0
CMD_LENG [4:0]
00h
Command length [4:0]. These bits are only used by the ATAPI device during the
fully-auto mode, when the AUTO_CMD bit is set in the ATPIFCNFG1 register.
CMD_LENG [4:0] tells the internal state machines how many bytes from Task_File0 to
Task_File15 need to be transferred to the ATAPI data register as the command packet.
In the ATA fully-auto mode, the TUSB6250 ATA/ATAPI controller state machine always
fetches the ATA command block register value from the Task_File1 to Task_File7
registers and ignores the setting of the CMD_LENG bits.
5
ATP_DIS
1
ATA/ATAPI bus disable.
When this bit is set (ATP_DIS = 1), all output terminals of the TUSB6250’s ATA/ATAPI
bus are tri-stated, which is also the power-up default. The MCU needs to clear this bit
at the appropriate time after the power-up reset of the TUSB6250 to enable the
ATA/ATAPI bus outputs.
S This bit has no control of the TUSB6250 ATA/ATAPI state machine. It only puts the
ATA/ATAPI bus in 3-state.
S This bit can only put the RST_ATA pin in 3-state when the HARD_RST bit (in
ATPIFCNFG1 register) is not true. When the HARD_RST bit is true, the RST_ATA
pin is driven low.
6
ATP_TRANS_DONE
0
ATA/ATAPI transfer done. This bit is only used in semi-auto mode and fully-auto mode
data transfer. It is used by the firmware to notify the transaction state machine that the
MCU wants to terminate the data transfer, so that the state machine hanging can be
avoided in case any transfer byte count mismatch occurs.
The MCU can set this bit (ATP_TRANS_DONE = 1) to force the transaction state
machine back to the idle state. When using this bit, the MCU shall make sure the
transaction state machine goes back to the idle state (TRANS_STATE [4:0]=0x00 in the
ATA transaction state register) before clearing ATP_TRANS_DONE to 0 to terminate
the data transfer.
7
RSV
0
This bit must be set to 0 during normal operation.
11.5.12 PIOSPAS: PIO Transfer Speed (Assertion Time) Register (XDATA at F0DC)
The PIOSPAS register contains the PIO transfer speed (assertion time) information. The PIOSPAS register
can be cleared by a power-up or a WDT reset. A USB reset can not reset the PIOSPAS register .
The assertion time is defined in the unit of a 60-MHz clock cycle (16.67 ns), which shall reflect the t2 parameter
value in an actual ATA/ATAPI drive (see the ATA/ATAPI-5 specification, page 293). The TUSB6250 state
machine automatically adds one extra clock cycle to the setup value. Therefore, a 0−31 value in the register
is corresponding to 1−32 clock cycles of PIO transfer assertion time.
7
6
5
43210
USB_STATE_RST
RSV
RSV
PAST4
PST3
PAST2
PAST1
PAST0
W/O
R/O
R/O
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
4−0
PAST [4:0]
00h
PIO transfer speed (assertion time) in the unit of a 60-MHz clock cycle.
6−5
RSV
00
Reserved
7
USB_STATE_RST
0
USB state machine reset.
This bit is used by the MCU to notify the USB state machine that the MCU wants to
terminate the data transfer, so that state machine hanging can be avoided in case any
transfer byte count mismatch occurs.
The MCU can set this bit (USB_STATE_RST= 1) to force the USB state machine back to
the idle state. This bit is write-only and always read back as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com