Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 93Page - Texas Instruments TUSB6250 Datasheet HTML 94Page - Texas Instruments TUSB6250 Datasheet HTML 95Page - Texas Instruments TUSB6250 Datasheet HTML 96Page - Texas Instruments TUSB6250 Datasheet HTML 97Page - Texas Instruments TUSB6250 Datasheet HTML 98Page - Texas Instruments TUSB6250 Datasheet HTML 99Page - Texas Instruments TUSB6250 Datasheet HTML 100Page - Texas Instruments TUSB6250 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 124 page
background image
ATA/ATAPI Interface Port
11−16
SLLS535A − January 2004
TUSB6250
11.5.13 PIOSPRC: PIO Transfer Speed (Recovery Time) Register (XDATA at F0DD)
The PIOSPRC register contains PIO transfer speed (recovery time) along with write data hold time
information. The PIOSPRC register is cleared by a power-up or a WDT reset. A USB reset can not reset the
PIOSPRC register.
The recovery time is defined in the unit of a 60-MHz clock cycle (16.67 ns), which shall reflect the t2i parameter
value in an actual ATA/ATAPI drive (see the ATA/ATAPI-5 specification, page 293). The TUSB6250 state
machine automatically adds two extra clock cycles to the setup value. Therefore, a 0−31 value in the PIOSPRC
register is corresponding to 2−33 actual clock cycles of PIO transfer recovery time.
The TUSB6250 has a fixed two 60-MHz clock-cycle (33.334 ns) write data hold time in PIO mode, which is
already included in the two extra clock cycles mentioned above.
765
43210
RSV
RSV
RSV
PRCVT4
PRCVT3
PRCVT2
PRCVT1
PRCVT0
R/O
R/O
R/O
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
4−0
PRCV [4:0]
00h
PIO transfer speed (recovery time) in the unit of a 60-MHz clock cycle.
7−5
RSV
000
Reserved
11.5.14 DMASPAS: DMA Transfer Speed (Assertion Time) Register (XDATA at F0DE)
The DMASPAS register contains the DMA (including multiword DMA and ultra DMA) transfer speed (assertion
time) information. The DMASPAS register can be cleared by a power-up or a WDT reset. A USB reset can
not reset the DMASPAS register.
The assertion time is defined in the unit of a 60-MHz clock cycle (16.67 ns), which shall reflect the td parameter
(for multiword DMA) or tCYC parameter (for ultra DMA) value in an actual ATA/ATAPI drive (see the
ATA/ATAPI-5 specification, page 294 and 300).
The TUSB6250 state machine automatically adds extra clock cycle(s) to the assertion time setup value based
on the DMA mode used:
•
Multiword DMA: one extra clock cycle;
•
Ultra DMA: two extra clock cycles.
Therefore, a 0−31 value in the DMASPAS register is corresponding to 1−32 clock cycles of multiword DMA
transfer assertion time or 2−33 clock cycles of ultra DMA transfer assertion time.
The TUSB6250 has a fixed one 60-MHz clock-cycle (16.67 ns) write data hold time for the ultra DMA write
data transfer, which is part of the additional two extra clock cycle assertion time mentioned above.
765
43210
DIRSNDEN
RSV
RSV
DAST4
DAST3
DAST2
DAST1
DAST0
R/W
R/O
R/O
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
4−0
DAST [4:0]
00h
DMA transfer speed (assertion time) in the unit of 60-MHz clock cycle.
6−5
RSV
00
Reserved
7
DIRSNDEN
0
DMA transfer direction bit send to the ATAPI device enable.
This bit, when set, allows the TUSB6250 ATA/ATAPI state machine to automatically send the
DMA data transfer direction information to the ATAPI device during the auto DMA data transfer.
This bit is only useful in the ATAPI (not ATA) DMA auto data transfer. This feature is disabled as
a power-up default.
11.5.15 DMASPRC: DMA Transfer Speed (Recovery Time) Register (XDATA at F0DF)
The DMASPRC register contains the DMA (including multiword DMA and ultra DMA) transfer speed (recovery
time) and write data hold time information. The DMASPRC register is cleared by a power-up or a WDT reset.
A USB reset can not reset the DMASPRC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com