Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 101 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 97Page - Texas Instruments TUSB6250 Datasheet HTML 98Page - Texas Instruments TUSB6250 Datasheet HTML 99Page - Texas Instruments TUSB6250 Datasheet HTML 100Page - Texas Instruments TUSB6250 Datasheet HTML 101Page - Texas Instruments TUSB6250 Datasheet HTML 102Page - Texas Instruments TUSB6250 Datasheet HTML 103Page - Texas Instruments TUSB6250 Datasheet HTML 104Page - Texas Instruments TUSB6250 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 124 page
background image
ATA/ATAPI Interface Port
11−20
SLLS535A − January 2004
TUSB6250
MACS_BUSY to 1. When the internal logic reads from the sector FIFO memory, it loads the 32-bit data
into the MCU data Byte_3 register (MCUBYTE3), MCU data Byte_2 register (MCUBYTE2), MCU data
Byte_1 register (MCUBYTE1), MCU data Byte_0 register (MCUBYTE0), clears MACS_BUSY to 0, and
increments MACS_ADR [12:0] by 1.
3.
The MCU reads the MCU data Byte_0 register (MCUBYTE0), MCU data Byte_1 register (MCUBYTE1),
MCU data Byte_2 register (MCUBYTE2), and the MCU data Byte_3 register (MCUBYTE3) in this fixed
order.
4.
After the MCU finishes the read to the MCU data Byte_3 register, the internal logic prefetches the next
32-bit data from sector FIFO pointed to by the current MACS_ADR [12:0]. The same sequence as
described in Step 2 and 3 should be followed for consecutive reads until the MCU writes to the MCU
access address register with a new address.
5.
It should be noted that although the MCU is allowed to read part of the 32-bit read data, it must ensure
that the last read goes to the MCU data Byte_3 register (MCUBYTE3). This serves as an indication to the
TUSB6250’s internal logic that the MCU has finished the read process to the current 32-bit read data and
is ready to let the internal logic fetch the next 32-bit data. Without the read to the MCUBYTE3 register,
the internal logic does not perform prefetch of the next 32-bit data.
11.6.1
MCUBYTE0: MCU Data Byte_0 Register (XDATA at F0E0)
765
43210
MACS_DB07
MACS_DB06
MACS_DB05
MACS_DB04
MACS_DB03
MACS_DB02
MACS_DB01
MACS_DB00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
MACS_DB0 [7:0]
00h
This register contains the sector FIFO memory data buffer byte 0 accessible by the MCU.
11.6.2
MCUBYTE1: MCU Data Byte_1 Register (XDATA at F0E1)
765
43210
MACS_DB17
MACS_DB16
MACS_DB15
MACS_DB14
MACS_DB13
MACS_DB12
MACS_DB11
MACS_DB10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
MACS_DB1 [7:0]
00h
This register contains the sector FIFO memory data buffer byte 1 accessible by the MCU.
11.6.3
MCUBYTE2: MCU Data Byte_2 Register (XDATA at F0E2)
765
43210
MACS_DB27
MACS_DB26
MACS_DB25
MACS_DB24
MACS_DB23
MACS_DB22
MACS_DB21
MACS_DB20
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
MACS_DB2 [7:0]
00h
This register contains the sector FIFO memory data buffer byte 2 accessible by the MCU.
11.6.4
MCUBYTE3: MCU Data Byte_3 Register (XDATA at F0E3)
765
43210
MACS_DB37
MACS_DB36
MACS_DB35
MACS_DB34
MACS_DB33
MACS_DB32
MACS_DB31
MACS_DB30
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
MACS_DB3 [7:0]
00h
This register contains the sector FIFO memory data buffer byte 3 accessible by the MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com