Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 105 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 101Page - Texas Instruments TUSB6250 Datasheet HTML 102Page - Texas Instruments TUSB6250 Datasheet HTML 103Page - Texas Instruments TUSB6250 Datasheet HTML 104Page - Texas Instruments TUSB6250 Datasheet HTML 105Page - Texas Instruments TUSB6250 Datasheet HTML 106Page - Texas Instruments TUSB6250 Datasheet HTML 107Page - Texas Instruments TUSB6250 Datasheet HTML 108Page - Texas Instruments TUSB6250 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 124 page
background image
ATA/ATAPI Interface Port
11−24
SLLS535A − January 2004
TUSB6250
BIT
FUNCTION
RESET
NAME
4
BUFOVFLOW
0
Internal buffer overflow error.
The internal buffer refers to the 6-byte internal buffer space outside of sector FIFO designed
to handle extra data that may be received from the ATA/ATAPI device in pausing UDMA read
condition.
This bit, when set, indicates that the 6-byte internal data buffer experienced overflow (more
than 6 bytes of data are filled into this 6-byte internal buffer space after either sector FIFO
full or expected transfer byte count is reached for current auto-data transfer).
This bit could be utilized in all nonmanual data transfer modes, which include both read and
write data transfers. It may be useful in UDMA-read data transfer as error indication. For PIO
or Multiword DMA data transfer, BUFOVFLOW should not happen, unless a hardware logic
error occurred. In such case, this bit is useful for debugging.
For a read transfer, the BUFOVFLOW could happen when the following cases occur:
S The sector FIFO is full, however the expected byte count has not been reached yet.
For a write transfer, the BUFOVFLOW can only happen in a hardware logic error condition:
S The TUSB6250 is sending the data normally to the ATA/ATAPI device, however, a device
error causes it to pause and terminate the current data transfer. This bit is set if a hardware
logic error occurs, such that the TUSB6250 ATA/ATAPI state machine doesn’t respond
to the ATA/ATAPI device’s pause and termination request. This bit is useful to debug this
rare case.
The MCU can set either the SOFT_RST bit or the START_ATAPI bit in the ATA/ATAPI
interface configuration register 1 to clear the BUFOVFLOW bit.
5
SYNBUF_RCVERR
0
Ultra DMA receive synch-buffer error (for UDMA-read only)
This bit, when set, indicates that the synch buffer for the ultra DMA receive operation has an
overrun error. This error may occur when the ATA/ATAPI device bursts data at a transfer rate
faster than 120 MB/sec.
The MCU can set either the SOFT_RST bit or the START_ATAPI bit in the ATA/ATAPI
interface configuration register 1 to clear the SYNBUF_RCVERR bit.
6
ULTRA_RCVEX
0
Ultra DMA receive extra (for UDMA-read only).
This bit, when set, indicates there are several extra bytes of data received after the
TUSB6250 received the expected number of bytes from the ATA/ATAPI device. These extra
bytes are received at the time period between the TUSB6250 pausing and terminating a
UDMA read transfer. The exact word (2 byte) count for this data is stored in the
ULRCVEXCNT register.
It should be noted that the extra number of bytes received are discarded right away, since
the TUSB6250 already received the expected number of bytes. However, the TUSB6250
continues to calculate CRC for all the extra data received until the TUSB6250 terminates the
UDMA read transfer. The ATA/ATAPI device, which sent more data than expected, however
stopped sending data after the TUSB6250 terminates the UDMA read transfer, may not
receive any CRC error from the TUSB6250.
7
RSV
0
Reserved
11.6.10 SECWRPTL: Sector FIFO Write Pointer Low-Byte Register (XDATA at F0EB)
765
43210
WR_PTR7
WR_PTR6
WR_PTR5
WR_PTR4
WR_PTR3
WR_PTR2
WR_PTR1
WR_PTR0
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7−0
WR_PTR [7:0]
00h
This register contains the sector FIFO write pointer lower 8-bit value. Read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com