Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 108 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 108 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 104Page - Texas Instruments TUSB6250 Datasheet HTML 105Page - Texas Instruments TUSB6250 Datasheet HTML 106Page - Texas Instruments TUSB6250 Datasheet HTML 107Page - Texas Instruments TUSB6250 Datasheet HTML 108Page - Texas Instruments TUSB6250 Datasheet HTML 109Page - Texas Instruments TUSB6250 Datasheet HTML 110Page - Texas Instruments TUSB6250 Datasheet HTML 111Page - Texas Instruments TUSB6250 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 124 page
background image
ATA/ATAPI Interface Port
11−27
SLLS535A − January 2004
TUSB6250
11.6.18 ULRCVEXCNT: Ultra Receive Extra Word Count Register (XDATA at F0F9)
76
543
2
1
0
RSV
RSV
RSV
RSV
WORDCN3
WORDCN2
WORDCN1
WORDCN0
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
3−0
WORDCN [3:0]
0h
Ultra Receive extra word count.
The value in this register indicates the word count of the extra number of words received
between the TUSB6250 pausing and terminating a UDMA read transfer after the expected
byte count is received. Based on the ATA/ATAPI-5 specification, the ATA/ATAPI device may
send 1, 2, or 3 words (up to 6 bytes) of data after the host pauses the UDMA read transfer.
Although it should not happen, in case WORDCN [3:0] returns 0Fhex (15 words) for read, it
only means the TUSB6250 receives at least 15 words, since the counter stops counting after
reaching 0Fhex, which is maintained.
The WORDCN [3:0] are cleared whenever the MCU sets START_ATAPI or SOFT_RST in the
ATPIFCNFG1 register.
7−4
RSV
0h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com