Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 112 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 108Page - Texas Instruments TUSB6250 Datasheet HTML 109Page - Texas Instruments TUSB6250 Datasheet HTML 110Page - Texas Instruments TUSB6250 Datasheet HTML 111Page - Texas Instruments TUSB6250 Datasheet HTML 112Page - Texas Instruments TUSB6250 Datasheet HTML 113Page - Texas Instruments TUSB6250 Datasheet HTML 114Page - Texas Instruments TUSB6250 Datasheet HTML 115Page - Texas Instruments TUSB6250 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 124 page
background image
Electrical Specifications
12−3
SLLS535A − January 2004
TUSB6250
12.6 Electrical Characteristics for the Integrated USB 2.0 Transceiver, TA = 25°C,
VDDA = 3.3 V ±5%, VSS = 0 V (unless otherwise noted)†
PARAMETER
MIN
TYP
MAX
UNIT
INPUT LEVELS FOR FULL SPEED
VID
High-speed differential input threshold
0.2
V
VCM
Differential common mode range
0.8
2.5
V
INPUT LEVELS FOR HIGH SPEED
V(HSSQ)
High-speed squelch detection threshold (differential signal amplitude)
100
150
mV
VID
High-speed differential input threshold voltage
100
mV
OUTPUT LEVELS FOR FULL SPEED
VOL
Low-level output voltage
0
0.3
V
VOH
High-level output voltage (driven)
2.8
3.6
V
VO(SE0)
Output voltage on SE0
0.8
V
VO(CRS)
Output signal crossover voltage
1.3
2
V
OUTPUT LEVELS FOR HIGH SPEED
V(HSOI)
High-speed idle level
−10
10
mV
V(HSOH)
High-speed data signaling high
360
440
mV
V(HSOL)
High-speed data signaling low
−10
10
mV
VID(CHIRPJ)
Chirp J level (differential voltage)
700
1100
mV
VID(CHIRPK)
Chirp K level (differential voltage)
−900
−500
mV
DRIVER CHARACTERISTICS (FULL SPEED)
tr
Full-speed rise time
4
20
ns
tf
Full-speed fall time
4
20
ns
t(RFM)
Full-speed rise/fall time matching
90%
110%
DRIVER CHARACTERISTICS (HIGH SPEED)
tr
Rise time (10%−90%)
500
ps
tf
Fall time (10%−90%)
500
ps
ro(HSDRV)
Driver output resistance (serves as a high-speed termination)
40.5
49.5
Ω
t(FRFM)
Differential rise and fall time matching
90%
111.11%
CLOCK TIMINGS
t(HSDRAT)
High-speed data rate
479.76
480.24
Mb/s
SINGLE-ENDED RECEIVER
VIT+
Positive-going input threshold voltage
1.8
V
VIT−
Negative-going input threshold voltage
1
V
Vhys
Hysteresis voltage
200
500
mV
† Characterization only. Limits approved by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com