Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 114 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 114 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 110Page - Texas Instruments TUSB6250 Datasheet HTML 111Page - Texas Instruments TUSB6250 Datasheet HTML 112Page - Texas Instruments TUSB6250 Datasheet HTML 113Page - Texas Instruments TUSB6250 Datasheet HTML 114Page - Texas Instruments TUSB6250 Datasheet HTML 115Page - Texas Instruments TUSB6250 Datasheet HTML 116Page - Texas Instruments TUSB6250 Datasheet HTML 117Page - Texas Instruments TUSB6250 Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 124 page
background image
Application Information
13−1
SLLS535A − January 2004
TUSB6250
13
Application Information
13.1 Crystal Selection and Reference Circuitry
The TUSB6250 is designed to use an external 24-MHz crystal connected between the XTAL1 and XTAL2 pins
to provide the reference for an internal oscillator circuit. The oscillator, in turn, drives a PLL circuit that
generates the various clocks required for transmission and resynchronization of data at the full-speed and
high-speed data rates.
The following are some typical specifications for crystals that can be used in order to achieve the required
frequency, accuracy, and stability.
•
Frequency: 24 MHz
•
Crystal mode of operation: fundamental
•
Crystal circuit type: parallel resonant
•
Frequency tolerance:
±50 ppm (maximum: ±100 ppm)
•
Frequency stability:
±50 ppm (maximum: ±100 ppm)
•
Aging (long term stability):
±5 ppm per year
•
Maximum equivalent series resistance (ESR): 50
Ω (100 Ω, if CL1 and CL2 < 10 pF).
The CL1 and CL2 are the load capacitors to be used for fundamental parallel resonant crystal circuitry. They
should be of equal value for optimum symmetry. See the Selection and Specification of Crystals for Texas
Instruments USB 2.0 Devices application note (SLLA122) for detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com