Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 118 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 114Page - Texas Instruments TUSB6250 Datasheet HTML 115Page - Texas Instruments TUSB6250 Datasheet HTML 116Page - Texas Instruments TUSB6250 Datasheet HTML 117Page - Texas Instruments TUSB6250 Datasheet HTML 118Page - Texas Instruments TUSB6250 Datasheet HTML 119Page - Texas Instruments TUSB6250 Datasheet HTML 120Page - Texas Instruments TUSB6250 Datasheet HTML 121Page - Texas Instruments TUSB6250 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 124 page
background image
Application Information
13−5
SLLS535A − January 2004
TUSB6250
13.3.3
Special Note About Pullup and Pulldown Resistors for ATA/ATAPI Signals
The TUSB6250 provides internal 200-
µA pullup and/or pulldown resistors to most ATA/ATAPI bus signals,
which can be used during power-on sequencing or out of suspend to avoid bus floating. To ensure compliance
with the ATA/ATAPI specification, it is recommended to implement pullup and pulldown resistors on the board
level with the value defined by the ATA/ATAPI-5 specification:
IORDY
1-k
Ω pullup resistor should be implemented on the ATA/ATAPI host connector (TUSB6250
side).
DMARQ
5.6-k
Ω pulldown resistor should be implemented on ATA/ATAPI host connector (TUSB6250
side).
INTRQ
10-k
Ω pulldown resistor should be implemented on the ATA/ATAPI host connector (TUSB6250
side).
13.3.4
Series Termination Resistors Required for Ultra DMA Operation
Series termination resistors are required at both the host and the device for operation in any of the ultra-DMA
modes. See page 13 of the ATA/ATAPI-5 specification for detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com