Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 122 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 122 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 116Page - Texas Instruments TUSB6250 Datasheet HTML 117Page - Texas Instruments TUSB6250 Datasheet HTML 118Page - Texas Instruments TUSB6250 Datasheet HTML 119Page - Texas Instruments TUSB6250 Datasheet HTML 120Page - Texas Instruments TUSB6250 Datasheet HTML 121Page - Texas Instruments TUSB6250 Datasheet HTML 122Page - Texas Instruments TUSB6250 Datasheet HTML 123Page - Texas Instruments TUSB6250 Datasheet HTML 124Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 122 / 124 page
background image
Application Information
13−9
SLLS535A − January 2004
TUSB6250
11. The CD1 and CD2 pins are card detect pins that connect to ground on the compact flash storage card. They are used by the host
to determine that the compact flash storage card is fully inserted into its socket. A valid insertion is evaluated when both CD1 and
CD2 are detected as GND by the host.
13.4.3
Power-Up Sequence
Since the compact flash storage card powers up into PC card ATA modes (not True IDE Modes), to configure
the compact flash storage card into the True IDE Mode, the 50-pin compact flash socket must be power cycled
with the compact flash storage card inserted and the ATASEL pin asserted. This also needs to be
accomplished when removing and reinserting the compact flash storage card when the compact flash storage
card reader’s power is on.
To achieve this required power-up sequence, described below are the recommended approaches for the end
product custom firmware to implement a compact flash storage card reader based on the TUSB6250.
•
The firmware can use the P2.0 pin as the power-up control signal to turn on/off the power to the compact
flash storage card. To ensure enough drive strength, the developer should use active low as the logic level
to turn on the reader.
•
After a power-up reset to the TUSB6250, the firmware can toggle the P2.0 pin to turn on the power to the
compact flash storage reader socket.
•
Once CD1 and CD2 are both asserted (this means there is a compact flash storage card inserted), the
firmware needs to shut down the power to the compact flash storage card for a duration of about one
second. Thereafter, the firmware needs to turn the power back on. This sequence ensures the ATASEL
signal is latched during the power cycle, such that the True IDE Mode is enabled for the compact flash
storage card.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com