Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 119 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 115Page - Texas Instruments TUSB6250 Datasheet HTML 116Page - Texas Instruments TUSB6250 Datasheet HTML 117Page - Texas Instruments TUSB6250 Datasheet HTML 118Page - Texas Instruments TUSB6250 Datasheet HTML 119Page - Texas Instruments TUSB6250 Datasheet HTML 120Page - Texas Instruments TUSB6250 Datasheet HTML 121Page - Texas Instruments TUSB6250 Datasheet HTML 122Page - Texas Instruments TUSB6250 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 124 page
background image
Application Information
13−6
SLLS535A − January 2004
TUSB6250
13.4 Compact Flash Storage Card Reader Application
13.4.1
Brief Introduction
Compact flash storage cards provide a flash memory technology independent interface to access the flash
cards. The compact flash storage cards include an on-card intelligent microcontroller subsystem that provides
a high-level interface to the host computer with the following key features:
•
Standard ATA register and command set (same as found on most magnetic disk drives).
•
Host independence from details of erasing and programming flash memory.
•
512-byte sector size of the compact flash storage card is the same as that in an IDE magnetic disk drive.
Compact flash storage cards electrically comply with the PCMCIA ATA (PC card ATA) standard, which is a
superset of the ATA protocol and based on the following standards:
•
PC card standard, release 2.01 and
•
ATA standard, release 3.1
Compact flash storage cards are required to support all three types of interface protocols:
•
PC card memory mode—The compact flash storage card operating in this mode follows PC card ATA
protocol using PCMCIA memory mode.
•
PC card I/O mode—The compact flash storage card operating in this mode follows PC card ATA protocol
using PCMCIA I/O mode.
•
True IDE mode—The compact flash storage card operating in this mode follows IDE protocol and acts
as an IDE disk. The compact flash storage card reader implemented based on the TUSB6250, only
supports this mode.
13.4.1.1 Power Supply Requirements
The compact flash storage card is a dual voltage product, which operates in either of the following voltage
ranges:
•
3.3 V
±5% or
•
5 V
±10% (±5% for industrial versions)
The compact flash storage card reader implemented with the TUSB6250 can support a single voltage of 3.3 V.
Table 13−2. Compact Flash Power Consumption (Reference Only)
POWER SOURCE FROM READER
OPERATING CONDITION
COMPACT FLASH STORAGE
CARD POWER CONSUMPTION
(SLOW−FAST)
Sleep
200
µA
DC input voltage (VCC = 3.3 V)
Reading
32 mA−45 mA
DC input voltage (VCC = 3.3 V)
100 mV maximum ripple (p-p)
Writing
32 mA−60 mA
100 mV maximum ripple (p-p)
Read/write peak
150 mA/50
µs
NOTES:
1. These values are for reference purposes only.
2. The compact flash storage card reader designer must pay attention to the USB bus power suspend
current limit (500
µA). There is only 300-µA suspend current budget left on the reader when a compact
flash storage card remains inserted and operates in a sleep state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com