Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 120 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 120 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 116Page - Texas Instruments TUSB6250 Datasheet HTML 117Page - Texas Instruments TUSB6250 Datasheet HTML 118Page - Texas Instruments TUSB6250 Datasheet HTML 119Page - Texas Instruments TUSB6250 Datasheet HTML 120Page - Texas Instruments TUSB6250 Datasheet HTML 121Page - Texas Instruments TUSB6250 Datasheet HTML 122Page - Texas Instruments TUSB6250 Datasheet HTML 123Page - Texas Instruments TUSB6250 Datasheet HTML 124Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 120 / 124 page
background image
Application Information
13−7
SLLS535A − January 2004
TUSB6250
Table 13−3. Compact Flash Card System Performance (Reference Only)
PARAMETER
CONDITION
VALUE
Sleep to write
2.5 ms maximum
Start-up times
Sleep to read
2 ms maximum
Start-up times
Reset to ready
50 ms typical, 400 ms maximum
Active to sleep delay
Programmable
Data transfer rate
To/from host
16−20 Mbytes/sec burst
Controller overhead
Command to DRQ
1.25 ms maximum
13.4.1.2 Capacity, Connector, Header, and Ejector
•
There are two types of compact flash storage cards, which differ in card thickness and capacity. The type I
card has a thickness of 3,3 mm
±0,1 mm. The type II card has a thickness of 5 mm and has a larger capacity
of up to 300M bytes, so far.
•
Regardless of which type of compact flash storage cards are used, they all use the standard 50-pin
electrically compatible connector standard, however they differ in mechanical dimension.
•
The compact flash storage card may be installed in any platform with:
•
A 50-position surface mount interface header (3M P/N N7E50-7516VY-20).
•
An ejector (3M P/N D7E50-7316-02) or equivalent.
13.4.2
Pin Assignment and Mapping
Table 13−4 shows the pin assignment and mapping for the TUSB6250 based compact flash storage card
reader implemented in the True IDE Mode.
It should be noted that all the information described here, including the recommended pin assignment and
mapping, along with the power-up sequence, is only meant for the single compact flash storage card reader
implementation. This implies that the compact flash storage card reader is the only device on the IDE bus.
If implementing the compact flash storage card reader in a dual-drive enviroment is desired, the compact flash
storage card reader shares the same IDE bus with another device like the hard-disk drive, modification to the
described recommendation is needed. Developers with such an interest can contact Texas Instruments for
further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com