Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 121 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 116Page - Texas Instruments TUSB6250 Datasheet HTML 117Page - Texas Instruments TUSB6250 Datasheet HTML 118Page - Texas Instruments TUSB6250 Datasheet HTML 119Page - Texas Instruments TUSB6250 Datasheet HTML 120Page - Texas Instruments TUSB6250 Datasheet HTML 121Page - Texas Instruments TUSB6250 Datasheet HTML 122Page - Texas Instruments TUSB6250 Datasheet HTML 123Page - Texas Instruments TUSB6250 Datasheet HTML 124Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 121 / 124 page
background image
Application Information
13−8
SLLS535A − January 2004
TUSB6250
Table 13−4. TUSB6250 Based Compact Flash Storage Card Reader Pin Assignment and Mapping
COMPACT FLASH
CONNECTOR PIN
SIGNAL
PIN TYPE
(CF CARD)
TUSB6250
PIN USED
COMPACT FLASH
CONNECTOR PIN
SIGNAL
PIN TYPE
(CF CARD)
TUSB6250
PIN USED
1
GND
26
CD1
O
CD1, See Note 11
2
D03
I/O
DD3
27
D11
I/O
DD11
3
D04
I/O
DD4
28
D12
I/O
DD12
4
D05
I/O
DD5
29
D13
I/O
DD13
5
D06
I/O
DD6
30
D14
I/O
DD14
6
D07
I/O
DD7
31
D15
I/O
DD15
7
CS0
I
CS0
32
CS1
I
CS1
8
A10
I
None, See Note 2
33
VS1
O
None, See Note 5
9
ATA SEL
I
None, See Note 1
34
IORD
I
DIOR
10
A09
I
35
IOWR
I
DIOW
11
A08
I
None, See Note 2
36
WE
I
None, See Note 3
12
A07
I
None, See Note 2
37
INTRQ
O
INTRQ
13
VCC
38
VCC
14
A06
I
39
CSEL
I
None, See Note 7
15
A05
I
None, See Note 2
40
VS2
O
None, See Note 6
16
A04
I
None, See Note 2
41
RESET
I
RST_ATA
17
A03
I
42
IORDY
O
IORDY
18
A02
I
DA2
43
INPACK
O
None, See Note 4
19
A01
I
DA1
44
REG
I
None, See Note 3
20
A00
I
DA0
45
DASP
I/O
P3.7, See Note 9
21
D00
I/O
DD0
46
PDIAG
I/O
P3.6, See Note 8
22
D01
I/O
DD1
47
D08
I/O
DD8
23
D02
I/O
DD2
48
D09
I/O
DD9
24
IOCS16
O
None, See Note10
49
D10
I/O
DD10
25
CD2
O
CD2, See Note 11
50
GND
NOTES:
1. To enable the True IDE Mode, the ATA SEL pin should be grounded at the compact flash storage card reader side connector during
the power-off to power-on cycle. In this mode:
•
PCMCIA protocol and configuration are disabled and only I/O operations to the Task_File and data register are allowed.
•
No memory or attribute registers are accessible to the host.
•
Compact flash memory cards permit 8-bit data accesses only if the user issues a set feature command to put the device in 8-bit
mode.
2. These pins should be grounded at the compact flash storage card reader side connector.
3. These pins should be tied to VCC at the compact flash storage card reader side connector.
4. In the True IDE Mode, the INPACK pin is not used and should be left open at the compact flash storage card reader side connector.
5. The voltage sense signal, VS1, is grounded so that the compact flash storage card CIS can be read at 3.3 V.
6. The voltage sense signal, VS2, is left open and reserved by PCMCIA for a secondary voltage. For the TUSB6250 based compact
flash storage card reader, only one supply voltage (3.3 V) is supported.
7. CSEL is used to configure the device as a IDE master or slave. To configure the compact flash storage card as the IDE master, the
CSEL pin should be grounded at the compact flash storage card reader side connector; otherwise, to configure it as the IDE slave,
the CSEL pin should be left open at the compact flash storage card reader side connector. See Section 13.3.2.1 for a detailed
explanation.
8. PDIAG is driven by the device as the pass diagnostic signal in the master/slave handshake protocol. It is also used as the cable
assembly type identifier. The device must have a 10-k
Ω pullup resistor on this signal. Although the TUSB6250 hardware does not
support this signal, end product developers can choose to support the desired function in custom firmware. The TUSB6250 can issue
identify device or identify packet device commands to identify both device 0 and device 1’s capability and assign proper transfer
mode. See Section 13.3.2.3 for a detailed explanation.
9. DASP is driven by the device as the device active or device 1 present signal in the master/slave handshake protocol. The device
should have a 10-k
Ω pullup resistor on the DASP pin. Although the TUSB6250 hardware does not support the DASP signal, end
product developers can choose to support the desired function with custom firmware. See Section 13.3.2.4 for a detailed explanation.
10. Since the compact flash storage card permits 8-bit data transfer only if a user issues a set feature command to put the device in the
8-bit mode, there is no need to support it as long as the host driver prohibits such command. The IOCS16 pin at the compact flash
storage card reader side connector should be left open. See Section 13.3.2.2 for a detailed explanation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com