Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 117 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 113Page - Texas Instruments TUSB6250 Datasheet HTML 114Page - Texas Instruments TUSB6250 Datasheet HTML 115Page - Texas Instruments TUSB6250 Datasheet HTML 116Page - Texas Instruments TUSB6250 Datasheet HTML 117Page - Texas Instruments TUSB6250 Datasheet HTML 118Page - Texas Instruments TUSB6250 Datasheet HTML 119Page - Texas Instruments TUSB6250 Datasheet HTML 120Page - Texas Instruments TUSB6250 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 124 page
background image
Application Information
13−4
SLLS535A − January 2004
TUSB6250
The IOCS16 signal was defined as IOCS16 in ATA-2, ANSI X3.279-1996, and is obsolete since ATA-3 is
released. IOCS16 is an output from the device to indicate whether the device expects an 8-bit or 16-bit data
transfer.
Based on the fact that most ATA/ATAPI devices support a 16-bit data transfer, there is no need to support the
IOCS16 pin function.
13.3.2.3 PDIAG:CBLID (Passed Diagnostics: Cable Assembly Type Identifier), Pin 34 on the
ATA/ATAPI Connector
For the TUSB6250, the PDIAG:CBLID signal is not implemented in the hardware. However, developers can
support its function by developing their own custom firmware with the PDIAG:CBLID signal mapped to
port 3 [6]. Connection to the PDIAG:CBLID pin of the ATA/ATAPI host connector (the TUSB6250 side) should
be wired accordingly. A jumper selectable capacitor of 0.047
µF can be added to the PDIAG:CBLID pin of the
ATA/ATAPI connector.
For the ATA specification of ATA-4 and older, the PDIAG:CBLID signal is only defined as PDIAG, which has
the following characteristics:
•
PDIAG is asserted by device 1 to indicate to device 0 that it has completed diagnostics.
•
A 10-k
Ω pullup resistor is used on the PDIAG signal by each device.
•
The host should not connect to the PDIAG signal.
For the ATA specification of ATA-5 and beyond, a cable assembly type identifier (CBLID) function is added
in addition to the PDIAG signal’s original function.
•
To ensure correct functionality, better signal integrity is desired for faster ultra-DMA modes. The optional
80-conductor cable assembly is specified for use with the original 40 connectors. Use of this cable
assembly is mandatory for systems operating at ultra-DMA modes greater than 2.
•
Hosts that do not support ultra-DMA modes greater than mode 2 must not connect to the PDIAG:CBLID
pin.
•
In a system using a cable, hosts shall determine that an 80-conductor cable is installed in a system before
operating with transfer modes faster than ultra-DMA mode 2. Hosts must detect that CBLID is connected
to ground to determine the cable type—see Annex B of the ATA/ATAPI-5 specification for a detailed
explanation.
According to the ATA/ATAPI-5 specification, the host may sample CBLID after a power-up or hardware reset
in order to detect the presence or absence of an 80-conductor cable assembly by performing the following
steps:
1.
The host waits until the power-on or hardware reset protocol is complete for all devices on the cable;
2.
If device 1 is present, the host should issue an IDENTIFY DEVICE or IDENTIFY PACKET DEVICE
command and use the returned data to determine that device 1 is compliant with ATA-3 or subsequent
standards. Any device compliant with ATA-3 or subsequent standards releases PDIAG no later than after
the first command following a power-up or hardware reset sequence.
13.3.2.4 DASP (Device Active, Device 1 Present), Pin 39 on the ATA/ATAPI Connector
The DASP is a time-multiplexed signal that indicates that a device is active or that device 1 is present. The
ATA/ATAPI device is required to have a 10-k
Ω pullup resistor on the DASP pin with the driver type of
open-drain.
For the TUSB6250, the DASP signal is not implemented in the hardware. However, developers can support
its function by developing their own custom firmware with the DASP signal mapped to port 3 [7]. Connection
to the DASP pin of the ATA/ATAPI host connector (TUSB6250 side) should be wired accordingly. A selectable
jumper can be added to the DASP pin connector to allow enable/disable usage of the the DASP pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com