Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 116 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 116 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 112Page - Texas Instruments TUSB6250 Datasheet HTML 113Page - Texas Instruments TUSB6250 Datasheet HTML 114Page - Texas Instruments TUSB6250 Datasheet HTML 115Page - Texas Instruments TUSB6250 Datasheet HTML 116Page - Texas Instruments TUSB6250 Datasheet HTML 117Page - Texas Instruments TUSB6250 Datasheet HTML 118Page - Texas Instruments TUSB6250 Datasheet HTML 119Page - Texas Instruments TUSB6250 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 124 page
background image
Application Information
13−3
SLLS535A − January 2004
TUSB6250
13.3 General ATA/ATAPI Device Application Information
13.3.1
ATA/ATAPI Connector Pin Diagram
Table 13−1 shows all the signals on the standard 40-pin ATA/ATAPI connector defined by the ATA/ATAPI-5
specification.
Table 13−1. ATA/ATAPI Connector Pin Summary
PIN
SIGNAL
PIN
SIGNAL
1
RESET
2
GND
3
D7
4
D8
5
D6
6
D9
7
D5
8
D10
9
D4
10
D11
11
D3
12
D12
13
D2
14
D13
15
D1
16
D14
17
D0
18
D15
19
GND
20
Key
21
DMARQ
22
GND
23
WR
24
GND
25
RD
26
GND
27
IORDY
28
CSEL (see Note)
29
DMACK
30
GND
31
INTRQ
32
IOCS16 (see Note)
33
A1
34
PDIAG (see Note)
35
A0
36
A2
37
CS0
38
CS1
39
DASP (see Note)
40
GND
NOTE: Shaded signals are not implemented in the TUSB6250
hardware.
13.3.2
Special Note About Shaded Signals
13.3.2.1 CSEL (Cable Select), Pin 28 on the ATA/ATAPI Connector
The CSEL signal is not connected to the TUSB6250. On the ATA/ATAPI host connector (the TUSB6250 side),
the CSEL pin should be tied to ground.
According to the ATA/ATAPI-5 specification, section 5.2.13, the CSEL signal is used by the ATA/ATAPI device
to configure itself as either device 0 or device 1. The ATA/ATAPI device is required to have a 10-k
Ω pullup
resistor on the CSEL pin.
The state of the CSEL signal may be sampled at any time by the device. Based on the sampled value it detects,
the device is configured as either device 0 or device 1, following the rules defined by the ATA/ATAPI
specification.
•
If CSEL is negated, the device number is 0;
•
If CSEL is asserted, the device number is 1.
Regardless of which type of cable is used (40-conductor or 80-conductor), the conductor on device 0 is always
connected to the host connector. Therefore, a GND on this conductor configures device 0 as the master. The
conductor on device 1 is always left open (not connected) to the cable, this allows the 10-k
Ω pullup resistor
implemented on each device to configure itself as a slave.
13.3.2.2 IOCS16, Pin 32 on the ATA/ATAPI Connector
The IOCS16 signal is not connected to the TUSB6250. On the ATA/ATAPI host connector (the TUSB6250
side), the IOCS16 pin should be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com