Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 115 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 111Page - Texas Instruments TUSB6250 Datasheet HTML 112Page - Texas Instruments TUSB6250 Datasheet HTML 113Page - Texas Instruments TUSB6250 Datasheet HTML 114Page - Texas Instruments TUSB6250 Datasheet HTML 115Page - Texas Instruments TUSB6250 Datasheet HTML 116Page - Texas Instruments TUSB6250 Datasheet HTML 117Page - Texas Instruments TUSB6250 Datasheet HTML 118Page - Texas Instruments TUSB6250 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 124 page
background image
Application Information
13−2
SLLS535A − January 2004
TUSB6250
13.2 Reset Timing Reference
There are two requirements for the reset signal timing.
•
The minimum reset pulse width is 100
µs at power up. This time is measured from the time the power
ramps up to 90% of the nominal VDD, until the reset signal is no longer active (reset is active as long as
it is less than 1.2 V).
•
The clock has to be valid during the last 60
µs of the reset window. The clock is valid when the oscillation
on the XTAL2 pin exceeds 1.2 Vp-p.
Figure 13−1 illustrates the relationship between the power, reset, and clock signals. Note that when using a
24-MHz crystal and the on-chip oscillator, the clock signal may take about 1 ms to ramp up, become valid, and
stablize after power up. Therefore, it is recommended to extend the reset window to 2 ms or more to ensure
that there is at least a 60-
µs overlap with a valid clock. Extending the reset longer than 2 ms is fine; however,
this may reduce the effective time needed for the firmware to download the descriptor and application code
from the external I2C EEPROM. This must be considered during development, since the USB 2.0 specification
requires all bus-powered USB devices to finish the reset and start signaling connection to the upstream USB
host or hubs within 100 ms after drawing power from VBUS. The reset signal is inactive when it goes above
1.8 V.
CLK
t
Reset
3.3 V
1.8 V
1.2 V
0 V
VCC
90%
Reset Time < 100 ms
Reset Time > 100
µs
> 60
µs
Figure 13−1. Controller Reference Reset Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com