Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 111 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 107Page - Texas Instruments TUSB6250 Datasheet HTML 108Page - Texas Instruments TUSB6250 Datasheet HTML 109Page - Texas Instruments TUSB6250 Datasheet HTML 110Page - Texas Instruments TUSB6250 Datasheet HTML 111Page - Texas Instruments TUSB6250 Datasheet HTML 112Page - Texas Instruments TUSB6250 Datasheet HTML 113Page - Texas Instruments TUSB6250 Datasheet HTML 114Page - Texas Instruments TUSB6250 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 124 page
background image
Electrical Specifications
12−2
SLLS535A − January 2004
TUSB6250
12.3 Electrical Characteristics for the Controller Digital Core, TA = 25°C, VDD = 3.3 V
±5%, VSS = 0 V (unless otherwise noted)†
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output
LVCMOS
IOH = −8 mA
0.8
× VDD
V
VOH
High-level output
voltage
5-V failsafe TTL compatible LVCMOS
IOH = −8 mA
2.4
V
Low-level output
LVCMOS open-drain
IOL = −4 mA
0.22 x VDD
V
VOL
Low-level output
voltage
LVCMOS
IOL = 8 mA
0.22 x VDD
V
VOL
voltage
5-V failsafe TTL compatible LVCMOS
IOL = −8 mA
0.5
V
VIT
Input voltage
For VREGEN pin
VI = VIH
0.3
× VDDA
0.7
× VDDA
V
Vhys
Hysteresis
LVCMOS
VI = VIH
0.22
× VDD
V
Vhys
Hysteresis
(VIT+ − VIT−)
5-V failsafe TTL compatible LVCMOS
VI = VIH
0.22
× VDD
V
High-level input
LVCMOS
VI = VI max
±1
IIH
High-level input
current
5-V failsafe TTL compatible LVCMOS
VI = 5.5 V,
VDD =3.3 V
±23
µA
Low-level input
LVCMOS
VI = VI min
±1
IIL
Low-level input
current
5-V failsafe TTL compatible LVCMOS
VI = 0 V,
VDD = 3.3 V
±1
µA
IOZ
Output leakage current (Hi-Z)
VI = VDD or VSS
±20
µA
¶ Applies to all signal pins except DP, DM, R1, RPU, XTAL1, and XTAL2.
12.4 Controller Input Supply Current, TA = 25°C, VCC = 3.3 V ±5%, VSS = 0 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Normal operation: USB Hi-speed, UDMA-4 write active
92
Normal operation: USB Hi-speed, PIO-4 write active
85
mA
IDD
Input supply current
Normal operation: USB Hi-speed, ATA/ATAPI idle
78
mA
IDD
Input supply current
Suspend state: controller in suspend with USB remote wakeup enabled.
Current draw from the external 1.5-k
Ω pullup resistor is not included.
221
µA
12.5 Timing for 5-V Failsafe TTL Compatible LVCMOS I/O Buffer Used in the TUSB6250
ATA/ATAPI Interface, TA = 25°C, VDD = 3.3 V ±5%, VSS = 0 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time (time between 10% and 90% swing of 3.3 V)
Load: CL = 5 pF
1.33
2.76
3.09
ns
tr
Rise time (time between 10% and 90% swing of 3.3 V)
Load: CL = 15 pF
2.21
3.84
4.98
ns
tf
Fall time (time between 90% and 10% swing of 3.3 V)
Load: CL = 5 pF
1.21
2.22
2.83
ns
tf
Fall time (time between 90% and 10% swing of 3.3 V)
Load: CL = 15 pF
1.97
3.31
4.4
ns
NOTE: Characterized only. Limits approved by design and are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com