Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 110 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 106Page - Texas Instruments TUSB6250 Datasheet HTML 107Page - Texas Instruments TUSB6250 Datasheet HTML 108Page - Texas Instruments TUSB6250 Datasheet HTML 109Page - Texas Instruments TUSB6250 Datasheet HTML 110Page - Texas Instruments TUSB6250 Datasheet HTML 111Page - Texas Instruments TUSB6250 Datasheet HTML 112Page - Texas Instruments TUSB6250 Datasheet HTML 113Page - Texas Instruments TUSB6250 Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 124 page
background image
Electrical Specifications
12−1
SLLS535A − January 2004
TUSB6250
12
Electrical Specifications
12.1 Absolute Maximum Ratings†
Supply voltage, VDD
−0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI, 3.3-V LVCMOS
−0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5-V failsafe TTL compatible LVCMOS
−0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO, 3.3-V LVCMOS
−0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5-V failsafe TTL compatible LVCMOS
−0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
12.2 Recommended Operating Conditions
PARAMETER
MIN
TYP
MAX
UNIT
VDD
Supply voltage†
3
3.3
3.6
V
VI
Input voltage
LVCMOS
0
VDD
V
VI
Input voltage
5-V failsafe TTL compatible LVCMOS
0
5.5
V
VO
Output voltage}
LVCMOS
0
VDD
V
VO
Output voltage}
5-V failsafe TTL compatible LVCMOS
0
5.5
V
VIH
High-level input voltage
LVCMOS
0.7 x VDD
V
VIH
High-level input voltage
5-V failsafe TTL compatible LVCMOS
2
V
VIL
Low-level input voltage
LVCMOS
0
0.3 x VDD
V
VIL
Low-level input voltage
5-V failsafe TTL compatible LVCMOS
0
0.8
V
TA
Operating temperature
0
70
°C
TJ
Virtual junction temperaturew
Low K board, RθJA = 87.41 C/W, TA 70°C
0
93
°C
TJ
Virtual junction temperaturew
High K board, RθJA = 59.95 C/W, TA 70°C
0
86
°C
† Applies to both digital core supply voltage DVDD and intergrated Phy’s supply voltage AVDD. Does not apply to any 1.8-V supply voltage that
is provided through the internal voltage regulator.
‡ Although the 5-V failsafe TTL compatible LVCMOS output buffer can only drive up to VDD, it can be pulled up to 5.5 V through the weak pullup
resistor when its output buffer is turned off.
§ The junction temperature listed reflects simulation conditions. The customer is responsible for verifying the junction temperature. The RθJA value
is measured at an airflow speed of zero ft/min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com