Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 93 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 89Page - Texas Instruments TUSB6250 Datasheet HTML 90Page - Texas Instruments TUSB6250 Datasheet HTML 91Page - Texas Instruments TUSB6250 Datasheet HTML 92Page - Texas Instruments TUSB6250 Datasheet HTML 93Page - Texas Instruments TUSB6250 Datasheet HTML 94Page - Texas Instruments TUSB6250 Datasheet HTML 95Page - Texas Instruments TUSB6250 Datasheet HTML 96Page - Texas Instruments TUSB6250 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 124 page
background image
ATA/ATAPI Interface Port
11−12
SLLS535A − January 2004
TUSB6250
11.5.3
ATPACSREG0: ATA/ATAPI Access Register 0 (XDATA at F0D2)
The ATPACSREG1 and the ATPACSREG0 are the ATA/ATAPI register access holding registers. For register
write transfer, this register set contains the data to be written to a register.
For register read transfer, after the ATA/ATAPI register read transfer is done, ATP_DATA [15:0] contains the
read value.
•
If the read transfer does not access the data register, only ATP_DATA [7:0] contains valid data.
•
If the read transfer accesses the data register, ATP_DATA [15:0] contains valid data.
765
43210
ATP_DATA7
ATP_DATA6
ATP_DATA5
ATP_DATA4
ATP_DATA3
ATP_DATA2
ATP_DATA1
ATP_DATA0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
ATP_DATA [7:0]
00h
ATA/ATAPI register access holding register low-byte value.
11.5.4
ATPACSREG1: ATA/ATAPI Access Register 1 (XDATA at F0D3)
765
43210
ATP_DATA15
ATP_DATA14
ATP_DATA13
ATP_DATA12
ATP_DATA11
ATP_DATA10
ATP_DATA9
ATP_DATA8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
ATP_DATA [15:8]
00h
ATA/ATAPI register access holding register high-byte value.
11.5.5
ATPACSREG2: ATA/ATAPI Access Register 2 (XDATA at F0D4)
76
543
2
1
0
ATP_ADR3
ATP_ADR2
ATP_ADR1
ATP_ADR0
ATP_WR
ATP_RD
CLR_SECFIFO
SECT_CNT8
R/W
R/W
R/W
R/W
W/C
W/C
W/C
R/O
BIT
NAME
RESET
FUNCTION
0
SECT_CNT8
0
Sector count [8] is the most significant bit of SEC_CNT [8:0], which contains the read-only
sector count value utilized by the ATA PIO data transfer only. See the ATA/ATAPI access
register 3 for detailed information.
1
CLR_SECFIFO
0
Clear sector FIFO. Set by the MCU. Self-cleared one clock cycle later.
When this bit is set (CLR_SECFIFO = 1), the internal logic clears all sector FIFO pointers back
to 0 to make the sector FIFO completely empty and clears all the internal data buffers.
If data transfer through sector FIFO is not terminated normally, the MCU needs to set this bit
to 1. Otherwise, the next ATA/ATAPI command execution may carry residue data from the
current command.
2
ATP_RD
0
ATA/ATAPI bus read. Set by the MCU. Self-cleared when the register read transfer is finished.
When this bit is set (ATP_RD = 1), the ATA/ATAPI register read transfer starts.
S After the register read transfer is done, both ATP_RD and ATP_WR are cleared to 0
automatically and the register read data is stored in ATP_DATA[15:0].
S If both ATP_RD and ATP_WR are set to 1 by the MCU, only the register read transfer is
carried out. The register write transfer is ignored.
3
ATP_WR
0
ATA/ATAPI bus write. Set by the MCU. Self-cleared when register write transfer is finished.
When this bit is set (ATP_WR = 1), the ATA/ATAPI register write transfer starts with the write
data stored in ATP_DATA[15:0].
After the register read transfer is done, both ATP_RD and ATP_WR are cleared to 0
automatically.
7−4
ATP_ADR [3:0]
0h
ATA/ATAPI address [3:0], is used as the address to access the ATA/ATAPI command block
registers and the ATA/ATAPI control block registers during register read or write access.
S If ATP_ADR [3] = 0, the access is for ATA/ATAPI command block registers. ATP_ADR[2:0]
is used to select one particular register among the ATA/ATAPI command block registers.
S If ATP_ADR [3] = 1, the access is for ATA/ATAPI control block registers. ATP_ADR[2:0]
is used to select one particular register among the ATA/ATAPI control block registers.
Only the data register is 16-bit access. All other registers are 8-bit access.
The internal state machine doesn’t constrain the access to a reserved register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com