Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 100 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 96Page - Texas Instruments TUSB6250 Datasheet HTML 97Page - Texas Instruments TUSB6250 Datasheet HTML 98Page - Texas Instruments TUSB6250 Datasheet HTML 99Page - Texas Instruments TUSB6250 Datasheet HTML 100Page - Texas Instruments TUSB6250 Datasheet HTML 101Page - Texas Instruments TUSB6250 Datasheet HTML 102Page - Texas Instruments TUSB6250 Datasheet HTML 103Page - Texas Instruments TUSB6250 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 124 page
background image
ATA/ATAPI Interface Port
11−19
SLLS535A − January 2004
TUSB6250
11.6 ATA/ATAPI Group 2 Registers
Table 11−7. Group 2 Registers
MMR ADDRESS
OFFSET ADDRESS
(BASE ADDRESS = F0C0)
REGISTER DESCRIPTION
F0E0
20 h
MCU data Byte_0 register
F0E1
21 h
MCU data Byte_1 register
F0E2
22 h
MCU data Byte_2 register
F0E3
23 h
MCU data Byte_3 register
F0E4
24 h
MCU access address low-byte register
F0E5
25 h
MCU access address high-byte register
F0E6
26 h
ATA/ATAPI interrupt register 0
F0E7
27 h
ATA/ATAPI interrupt mask register 0
F0E8
28 h
ATA/ATAPI interrupt register 1
F0E9
29 h
ATA/ATAPI interrupt mask register 1
F0EA
2A h
ATA/ATAPI interface status register
F0EB
2B h
Sector FIFO write pointer low-byte register
F0EC
2C h
Sector FIFO write pointer high-byte register
F0ED
2D h
Sector FIFO write pointer backup low-byte register
F0EE
2E h
Sector FIFO write pointer backup high-byte register
F0EF
2F h
Sector FIFO read pointer low-byte register
F0F0
30 h
Sector FIFO read pointer high-byte register
F0F1
31 h
Sector FIFO read pointer backup low-byte register
F0F2
32 h
Sector FIFO read pointer backup high-byte register
F0F9
39 h
Ultra receive extra word count
The MCU can access the sector FIFO memory indirectly by using the MCU access address low/high registers
(MCUACSL and MCUACSH) and the MCU data registers (MCUBYTE0-3). The access address and direction
must be set before the data access can happen. The write and read sequences are described below in detail.
MCU Write to Sector FIFO Memory:
1.
The MCU writes to the MCU access address low-byte register (MCUACSL), then to the MCU access
address high-byte register (MCUACSH) to set up the start address in MACS_ADR [12:0], and set
MACS_DIR to 0
2.
The MCU writes to the MCU data Byte_0 register (MCUBYTE0), MCU data Byte_1 register (MCUBYTE1),
MCU data Byte_2 register (MCUBYTE2), MCU data Byte_3 register (MCUBYTE3), in this fixed order.
After the MCU finishes the write to the MCU data Byte_3 register (MCUBYTE3), the internal logic writes
the complete 32-bit data into the sector FIFO location with the address pointed to by MACS_ADR [12:0]
and sets MACS_BUSY to 1.
3.
After the internal logic finishes the write of 32-bit data into sector FIFO, it clears MACS_BUSY to 0, and
increments MACS_ADR [12:0] by 1.
4.
The MCU continue step 2 and 3 to write the next 32-bit data into sector FIFO for consecutive writes, until
the MCU writes to the MCU access address register with a new address.
MCU Read to Sector FIFO Memory:
1.
The MCU writes to the MCU access address low-byte register (MCUACSL) and then to the MCU access
address high-byte register (MCUACSH) to set up the start address in MACS_ADR [12:0] and set
MACS_DIR to 1.
2.
After the MCU finishes the write to the MCU access address high-byte register (MCUACSH), the internal
logic prefetches the 32-bit data from sector FIFO memory pointed to by MACS_ADR [12:0] and set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com