Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 103 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 99Page - Texas Instruments TUSB6250 Datasheet HTML 100Page - Texas Instruments TUSB6250 Datasheet HTML 101Page - Texas Instruments TUSB6250 Datasheet HTML 102Page - Texas Instruments TUSB6250 Datasheet HTML 103Page - Texas Instruments TUSB6250 Datasheet HTML 104Page - Texas Instruments TUSB6250 Datasheet HTML 105Page - Texas Instruments TUSB6250 Datasheet HTML 106Page - Texas Instruments TUSB6250 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 124 page
background image
ATA/ATAPI Interface Port
11−22
SLLS535A − January 2004
TUSB6250
2
ATP_BYTECN_MIS
0
ATA/ATAPI byte count mismatch.
This bit, when set, indicates that there is a byte count mismatch that occurred for the
current data transfer at the ATA/ATAPI interface. The MCU is responsible for reading the
ATA/ATAPI interface status register or transfer byte count register in order to reveal the
actual event causing the mismatch.
3
USB_XFR_DN
0
USB transfer done.
This bit, when set, indicates the data transfer is finished at the USB interface side, which
does not mean the transfer ended free of error. The MCU is responsible for checking to
see if any byte count mismatch occurred.
4
USB_XFR_PEND
0
USB transfer pending.
This bit, when set, indicates the data transfer at the USB interface side is not finished and
a byte count mismatch or other error condition that occurred with the data transfer
pending. The MCU shall check the other registers to find out the exact error that occurred.
Before clearing this interrupt, the MCU must ensure the USBWPNABRTEN bit is set
correctly, so that the state machine can either flush or send data in sector FIFO to the
ATAPI device.
5
ATP_XFR_DN
ATA/ATAPI transfer done.
This bit, when set, indicates the data transfer is finished at the ATA/ATAPI interface side,
which does not mean the transfer ended free of error. The MCU is responsible for checking
to see if any byte count mismatch occurred.
6
ATP_ER
0
ATA/ATAPI error.
This bit, when set, indicates an error occurred during the ATA/ATAPI auto command
sequence. The MCU should read the Taks_File registers to determine the cause of the
error.
7
ATP_COMP
0
ATA/ATAPI normal completion.
This bit, when set, indicates the command execution is finished without any error.
When ATP_COMP is set, the MCU should write a 1 to clear it back to 0.
NOTES:
1. Most of the interrupt sources indicated in this register, except the ATP_INT bit, reflect the ATA interrupt with the vector
interrupt value of 0x48 hex.
2. The interrupt sources indicated in the ATA interrupt are the most common. For other interrupt sources that happen less
frequently, the ATPINT1_PEND bit provides an easy indication to the MCU whether any of them occurred for the current
pending interrupt as indicated in the ATPINTRPT1 register.
3. The ATA interrupt mask register 0 is the interrupt enable register that can be read and written by the MCU. To enable a
particular interrupt, the MCU needs to write a 1 to the corresponding bit.
11.6.8
ATPINTRPT1: ATA/ATAPI Interrupt Register 1 and ATPINTMSK1: ATA/ATAPI
Interrupt Mask Register 1 (XDATA at F0E8, F0E9)
This register set includes two registers: the ATA/ATAPI interrupt register 1 (allocated at MMR address F0E8
hex) and the ATA/ATAPI interrupt mask register 1 (allocated at MMR address F0E9 hex). See the notes in
section 11.6.7 for the related information.
76
543
2
1
0
RSV
RSV
RSV
RSV
ATP_BSY
ATP_SEQ_ER
ATP_DSEQ_ER
ATP_NDA_CMD
R/O
R/O
R/O
R/O
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
ATP_NDA_CMD
0
ATA nondata command mismatch.
This bit, when set, indicates that:
S A nondata command is specified in the ATA/ATAPI interface configuration register 1, but,
S When the command is issued, the ATA/ATAPI device indicates the data transfer operation
is currently active.
1
ATP_DSEQ_ER
0
ATAPI data sequence error.
In the ATAPI mode, this bit indicates there is a sequence error that occurred during data
transfer. The MCU should read the interrupt reason register and byte count register (both in
the storage device) to find out the cause of the error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com