Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 100Page - Texas Instruments TUSB6250 Datasheet HTML 101Page - Texas Instruments TUSB6250 Datasheet HTML 102Page - Texas Instruments TUSB6250 Datasheet HTML 103Page - Texas Instruments TUSB6250 Datasheet HTML 104Page - Texas Instruments TUSB6250 Datasheet HTML 105Page - Texas Instruments TUSB6250 Datasheet HTML 106Page - Texas Instruments TUSB6250 Datasheet HTML 107Page - Texas Instruments TUSB6250 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 124 page
background image
ATA/ATAPI Interface Port
11−23
SLLS535A − January 2004
TUSB6250
2
ATP_SEQ_ER
0
ATAPI sequence error.
In the ATAPI mode with full auto sequencing, this bit indicates that a sequence error has
occurred after writing a packet command (command code A0h), however, before the
command packet bytes have been issued.
The MCU must read the ATAPI interrupt reason register to find out the cause of the error.
3
ATP_BSY
0
ATA/ATAPI busy.
This bit, when set, indicates the ATA/ATAPI device is busy at the start of the command (after
writing START_ATAPI). The command is not executed in the auto-command mode.
The MCU should read the Task_File registers to determine why the ATA/ATAPI device is busy.
7−4
RSV
00h
Reserved
11.6.9
ATPSTATUS: ATA/ATAPI Interface Status Register (XDATA at F0EA)
The ATPSTATUS register provides some status information on the ATA/ATAPI interface. Bit 0 indicates the
ATA/ATAPI device overrun condition. Bit [3:1] mirrors the real-time logic level on the DMARQ, DMACK, and
INTRQ pins.
7
6
5
4
3
210
RSV
ULTRARCV_EX
SYNBUF_RCVERR
BUFOVFLOW
INTRQ
DMACK
DMARQ
ATP_OVRUN
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/C
BIT
NAME
RESET
FUNCTION
0
ATP_OVRUN
0
ATA/ATAPI device overrun.
This bit, when set, indicates that the ATA/ATAPI device intends to process more data than
the USB host expected (dCBWDataTransferLenght in the USB mass storage bulk-only
spec). This bit reflects the H < D cases defined by the USB mass storage bulk-only spec.
S It should be noted that when ATP_OVRUN occurs, the ATP_BYTECN_MIS interrupt is
triggered. However, the transfer byte count register may have a zero value to indicate the
TUSB6250 moved H number of bytes, as expected by the USB host.
S In the PIO auto-data transfer mode, INTRQ may be set when a device-overrun condition
occurs. If reading the ATAPI status register returns DRQ=1, the ATP_OVRUN bit is set
to reflect the condition that the device intends to process more data than expected.
S In the DMA/UDMA auto-data transfer mode (UDMA read), when a device-overrun
condition occurs, the TUSB6250 pauses and tries to stop the current UDMA-read
transfer. The ATP_OVRUN bit is not set if INTRQ is asserted thereafter. It is only set when
INTRQ is not asserted, however DMARQ is asserted again.
This bit can be cleared by either writing a 1 to this bit or setting the START_ATAPI bit in the
ATAIFCNFG1 register.
1
DMARQ
0
DMARQ status bit.
This bit mirrors the real-time status on the DMARQ pin.
2
DMACK
0
DMACK status bit.
This bit mirrors the real-time status on the DMACK pin.
3
INTRQ
0
INTRQ status bit.
This bit mirrors the real-time status on the INTRQ pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com