Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 192 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 192 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 188Page - National Semiconductor (TI) SC1100 Datasheet HTML 189Page - National Semiconductor (TI) SC1100 Datasheet HTML 190Page - National Semiconductor (TI) SC1100 Datasheet HTML 191Page - National Semiconductor (TI) SC1100 Datasheet HTML 192Page - National Semiconductor (TI) SC1100 Datasheet HTML 193Page - National Semiconductor (TI) SC1100 Datasheet HTML 194Page - National Semiconductor (TI) SC1100 Datasheet HTML 195Page - National Semiconductor (TI) SC1100 Datasheet HTML 196Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 348 page
background image
www.national.com
192
Revision 1.1
Core Logic Module (Continued)
6:0
Mask.
If bit 7 = 0 (I/O):
Bit 6
0: Disable write cycle tracking.
1: Enable write cycle tracking.
Bit 5
0: Disable read cycle tracking.
1: Enable read cycle tracking.
Bits [4:0] Mask for address bits A[4:0].
If bit 7 = 1 (Memory):
Bits [6:0] Mask for address memory bits A[15:9] (512 bytes min. and 64 KB max.) A[8:0] are ignored.
Note:
A "1" in a mask bit means that the address bit is ignored for comparison.
Index CEh
User Defined Device 3 Control Register (R/W)
Reset Value: 00h
7
Memory or I/O Mapped. Determines how User Defined Device 3 is mapped.
0: I/O.
1: Memory.
6:0
Mask.
If bit 7 = 0 (I/O):
Bit 6
0: Disable write cycle tracking.
1: Enable write cycle tracking.
Bit 5
0: Disable read cycle tracking.
1: Enable read cycle tracking.
Bits [4:0] Mask for address bits A[4:0].
If bit 7 = 1 (Memory):
Bits [6:0] Mask for address memory bits A[15:9] (512 bytes min. and 64 KB max.) A[8:0] are ignored.
Note:
A "1" in a mask bit means that the address bit is ignored for comparison.
Index CFh
Reserved
Reset Value: 00h
Index D0h
Software SMI Register (WO)
Reset Value: 00h
7:0
Software SMI. A write to this location generates an SMI. The data written is irrelevant. This register allows software entry
into SMM via normal bus access instructions.
Index D1h-EBh
Reserved
Reset Value: 00h
Index ECh
Timer Test Register (R/W)
Reset Value: 00h
7:0
Timer Test Value. The Timer Test register is intended only for test and debug purposes. It is not intended for setting opera-
tional timebases.
Index EDh-F3h
Reserved
Reset Value: 00h
Index F4h
Second Level PME/SMI Status Register 1 (RC)
Reset Value: 00h
The bits in this register contain second level status reporting. Top level status is reported in F1BAR0+I/O Offset 00h/02h[0].
Reading this register clears the status at both the second and top levels.
A read-only “Mirror” version of this register exists at F0 Index 84h. If the value of the register must be read without clearing the SMI
source (and consequently deasserting SMI), F0 Index 84h can be read instead.
7:3
Reserved. Reads as 0.
2
GPWIO2 SMI Status. Indicates whether or not an SMI was caused by a transition on the GPWIO2 pin.
0: No.
1: Yes.
To enable SMI generation:
1) Ensure that GPWIO2 is enabled as an input: F1BAR1+I/O Offset 15h[2] = 0.
2) Set F1BAR1+I/O Offset 15h[6] = 1 to allow SMI generation.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com