Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 189 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 189 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 185Page - National Semiconductor (TI) SC1100 Datasheet HTML 186Page - National Semiconductor (TI) SC1100 Datasheet HTML 187Page - National Semiconductor (TI) SC1100 Datasheet HTML 188Page - National Semiconductor (TI) SC1100 Datasheet HTML 189Page - National Semiconductor (TI) SC1100 Datasheet HTML 190Page - National Semiconductor (TI) SC1100 Datasheet HTML 191Page - National Semiconductor (TI) SC1100 Datasheet HTML 192Page - National Semiconductor (TI) SC1100 Datasheet HTML 193Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 348 page
background image
Revision 1.1
189
www.national.com
Core Logic Module (Continued)
Index AEh
CPU Suspend Command Register (WO)
Reset Value: 00h
7:0
Software CPU Suspend Command. If bit 0 in the Clock Stop Control register is set low (F0 Index BCh[0] = 0), a write to
this register causes an internal SUSP#/SUSPA# handshake with the GX1 module, placing the GX1 module in a low-power
state. The actual data written is irrelevant. Once in this state, any unmasked IRQ or SMI releases the GX1 module halt con-
dition.
If F0 Index BCh[0] = 1, writing to this register invokes a full system Suspend. In this case, the internal SUSP_3V signal is
asserted after the SUSP#/SUSPA# halt. Upon a Resume event, the PLL delay programmed in the F0 Index BCh[7:4] is
invoked, allowing the clock chip and GX1 module PLL to stabilize before deasserting SUSP#.
Index AFh
Suspend Notebook Command Register (WO)
Reset Value: 00h
7:0
Software CPU Stop Clock Suspend. A write to this register causes a SUSP#/SUSPA# handshake with the CPU, placing
the GX1 module in a low-power state. Following this handshake, the SUSP_3V signal is asserted. The SUSP_3V signal is
intended to be used to stop all system clocks.
Upon a Resume event, the internal SUSP_3V signal is deasserted. After a slight delay, the Core Logic module deasserts
the SUSP# signal. Once the clocks are stable, the GX1 module deasserts SUSPA# and system operation resumes.
Index B0h-B3h
Reserved
Reset Value: 00h
Index B4h
Floppy Port 3F2h Shadow Register (RO)
Reset Value: xxh
7:0
Floppy Port 3F2h Shadow. Last written value of I/O Port 3F2h. Required for support of FDC power On/Off and 0V Sus-
pend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. The value in this register is not deterministic of
when the register is being read. It is provided here to assist in a Suspend-to-Disk operation.
Index B5h
Floppy Port 3F7h Shadow Register (RO)
Reset Value: xxh
7:0
Floppy Port 3F7h Shadow. Last written value of I/O Port 3F7h. Required for support of FDC power On/Off and 0V Sus-
pend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. The value in this register is not deterministic of
when the register is being read. It is provided here to assist in a Suspend-to-Disk operation.
Index B6h
Floppy Port 372h Shadow Register (RO)
Reset Value: xxh
7:0
Floppy Port 372h Shadow. Last written value of I/O Port 372h. Required for support of FDC power On/Off and 0V Sus-
pend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. The value in this register is not deterministic of
when the register is being read. It is provided here to assist in a Suspend-to-Disk operation.
Index B7h
Floppy Port 377h Shadow Register (RO)
Reset Value: xxh
7:0
Floppy Port 377h Shadow. Last written value of I/O Port 377h. Required for support of FDC power On/Off and 0V Sus-
pend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. The value in this register is not deterministic of
when the register is being read. It is provided here to assist in a Suspend-to-Disk operation.
Index B8h
DMA Shadow Register (RO)
Reset Value: xxh
7:0
DMA Shadow. This 8-bit port sequences through the following list of shadowed DMA Controller registers. At power on, a
pointer starts at the first register in the list and continuing through the other registers in subsequent reads according to the
read sequence. A write to this register resets the read sequence to the first register. Each shadow register in the sequence
contains the last data written to that location.
The read sequence for this register is:
1. DMA Channel 0 Mode Register
2. DMA Channel 1 Mode Register
3. DMA Channel 2 Mode Register
4. DMA Channel 3 Mode Register
5. DMA Channel 4 Mode Register
6. DMA Channel 5 Mode Register
7. DMA Channel 6 Mode Register
8. DMA Channel 7 Mode Register
9. DMA Channel Mask Register (bit 0 is channel 0 mask, etc.)
10. DMA Busy Register (bit 0 or 1 means a DMA occurred within last 1 msec, all other bits are 0)
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com