Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 186 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 186 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 182Page - National Semiconductor (TI) SC1100 Datasheet HTML 183Page - National Semiconductor (TI) SC1100 Datasheet HTML 184Page - National Semiconductor (TI) SC1100 Datasheet HTML 185Page - National Semiconductor (TI) SC1100 Datasheet HTML 186Page - National Semiconductor (TI) SC1100 Datasheet HTML 187Page - National Semiconductor (TI) SC1100 Datasheet HTML 188Page - National Semiconductor (TI) SC1100 Datasheet HTML 189Page - National Semiconductor (TI) SC1100 Datasheet HTML 190Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 348 page
background image
www.national.com
186
Revision 1.1
Core Logic Module (Continued)
2
Re-trigger Timer on GPIO7 Pin Transition. A rising-edge transition on the GPIO7 pin reloads GP Timer 2 (F0 Index 8Ah).
0: Disable.
1: Enable.
For GPIO7 to work here, it must first be configured as an input. (GPIO pin programming is at F0BAR0+I/O Offset 20h and
24h.)
1:0
Reserved. Set to 0.
Index 8Ch
IRQ Speedup Timer Count Register (R/W)
Reset Value: 00h
7:0
IRQ Speedup Timer Load Value. This field represents the load value for the IRQ speedup timer. It is loaded into the
counter when Suspend Modulation is enabled (F0 Index 96h[0] = 1) and an INTR or an access to I/O Port 061h occurs.
When the event occurs, the Suspend Modulation logic is inhibited, permitting full performance operation of the GX1 module.
Upon expiration, no SMI is generated; the Suspend Modulation begins again. The IRQ speedup timer’s timebase is 1 msec.
This speedup mechanism allows instantaneous response to system interrupts for full-speed interrupt processing. A typical
value here would be 2 to 4 msec.
Index 8Dh-92h
Reserved
Reset Value: 00h
Index 93h
Miscellaneous Device Control Register (R/W)
Reset Value: 00h
7
Floppy Drive Port Select. Indicates whether all system resources used to power manage the floppy drive use the primary,
or secondary FDC addresses for decode.
0: Secondary.
1: Primary.
6
Reserved. Must be set to 1.
5
Partial Primary Hard Disk Decode. This bit is used to restrict the addresses which are decoded as primary hard disk
accesses.
0: Power management monitors all reads and writes to I/O Port 1F0h-1F7h, 3F6h-3F7h (excludes writes to 3F7h), and
170h-177h, 376h-377h (excludes writes to 377h).
1: Power management monitors only writes to I/O Port 1F6h and 1F7h.
4
Partial Secondary Hard Disk Decode. This bit is used to restrict the addresses which are decoded as secondary hard disk
accesses.
0: Power management monitors all reads and writes to I/O Port 170h-177h, 376h-377h (excludes writes to 377h).
1: Power management monitors only writes to I/O Port 176h and 177h.
3:2
Reserved. Must be set to 0.
1
Mouse on Serial Enable. Mouse is present on a Serial Port.
0: No.
1: Yes.
If a mouse is attached to a serial port (i.e., this bit is set to 1), that port is removed from the serial device list being used to
monitor serial port access for power management purposes and added to the keyboard/mouse decode. This is done
because a mouse, along with the keyboard, is considered an input device and is used only to determine when to blank the
screen.
This bit and bit 0 of this register determine the decode used for the Keyboard/Mouse Idle Timer Count Register (F0 Index
9Eh) as well as the Parallel/Serial Port Idle Timer Count Register (F0 Index 9Ch).
0
Mouse Port Select. Selects which serial port the mouse is attached to:
0: COM1
1: COM2.
For more information see the description of bit 1 in this register (above).
Index 94h-95h
Suspend Modulation Counter Register (R/W)
Reset Value: 0000h
15:8
Suspend Signal Asserted Counter. This 8-bit counter represents the number of 32 µs intervals that the internal SUSP#
signal is asserted to the GX1 module. Together with bits [7:0], perform the Suspend Modulation function for CPU power
management. The ratio of SUSP# asserted-to-deasserted sets up an effective (emulated) clock frequency, allowing the
power manager to reduce GX1 module power consumption.
This counter is prematurely reset if an enabled speedup event occurs (i.e., IRQ speedups).
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com