Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 185 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 185 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 181Page - National Semiconductor (TI) SC1100 Datasheet HTML 182Page - National Semiconductor (TI) SC1100 Datasheet HTML 183Page - National Semiconductor (TI) SC1100 Datasheet HTML 184Page - National Semiconductor (TI) SC1100 Datasheet HTML 185Page - National Semiconductor (TI) SC1100 Datasheet HTML 186Page - National Semiconductor (TI) SC1100 Datasheet HTML 187Page - National Semiconductor (TI) SC1100 Datasheet HTML 188Page - National Semiconductor (TI) SC1100 Datasheet HTML 189Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 348 page
background image
Revision 1.1
185
www.national.com
Core Logic Module (Continued)
2
Re-trigger General Purpose Timer 1 on Parallel/Serial Port Activity.
0: Disable.
1: Enable.
Any access to the parallel or serial port I/O address range listed below reloads the General Purpose Timer 1:
— LPT3: I/O Port 3BCh-3BEh.
— LPT2: I/O Port 378h-37Fh.
— COM1: I/O Port 3F8h-3FFh (if F0 Index 93h[1:0] = 10 this range is excluded).
— COM2: I/O Port 2F8h-2FFh (if F0 Index 93h[1:0] = 11 this range is excluded).
— COM3: I/O Port 3E8h-3EFh.
— COM4: I/O Port 2E8h-2EFh.
1
Re-trigger General Purpose Timer 1 on Floppy Disk Activity.
0: Disable.
1: Enable.
Any access to the floppy disk drive address ranges listed below reloads General Purpose Timer 1:
— Primary floppy disk: I/O Port 3F2h-3F5h, 3F7h
— Secondary floppy disk: I/O Port 372h-375h, 377h
The active floppy disk drive is configured via F0 Index 93h[7].
0
Re-trigger General Purpose Timer 1 on Primary Hard Disk Activity.
0: Disable.
1: Enable.
Any access to the primary hard disk address range selected in F0 Index 93h[5], reloads General Purpose Timer 1.
Index 8Ah
General Purpose Timer 2 Count Register (R/W)
Reset Value: 00h
7:0
GPT2_COUNT. This field represents the load value for General Purpose Timer 2. This value can represent either an 8-bit or
16-bit counter (configured in F0 Index 8Bh[5]). It is loaded into the counter when the timer is enabled (F0 Index 83h[1] = 1).
Once the timer is enabled and a transition occurs on GPIO7, the timer is re-loaded.
The counter is decremented with each clock of the configured timebase (1 msec or 1 sec selected at F0 Index 8Bh[3]).
Upon expiration of the counter, an SMI is generated and the top level of status is F1BAR0+I/O Offset 00h/02h[9]. The sec-
ond level of status is reported at F1BAR0+I/O Offset 04h/06h[1]). Once expired, this counter must be re-initialized by either
disabling and enabling it, or by writing a new count value in this register.
For GPIO7 to act as the reload for this counter, it must be enabled as such (F0 Index 8Bh[2]) and be configured as an input.
(GPIO pin programming is at F0BAR0+I/O Offset 20h and 24h.)
Index 8Bh
General Purpose Timer 2 Control Register (R/W)
Reset Value: 00h
7
Re-trigger General Purpose Timer 1 (GP Timer 1) on Secondary Hard Disk Activity.
0: Disable.
1: Enable.
Any access to the secondary hard disk address range selected in F0 Index 93h[4] reloads GP Timer 1.
6
Reserved. Should be set to 0.
5
General Purpose Timer 2 (GP Timer 2) Shift. GP Timer 2 is treated as an 8-bit or 16-bit timer.
0: 8-bit. The count value is loaded into GP Timer 2 Count Register (F0 Index 8Ah).
1: 16-bit. The value loaded into GP Timer 2 Count Register is shifted left by eight bits, the lower eight bits become zero,
and this 16-bit value is used as the count for GP Timer 2.
4
General Purpose Timer 1 (GP Timer 1) Shift. GP Timer 1 is treated as an 8-bit or 16-bit timer.
0: 8-bit. The count value is that loaded into GP Timer 1 Count Register (F0 Index 88h).
1: 16-bit. The value loaded into GP Timer 1 Count Register is shifted left by eight bit, the lower eight bits become zero, and
this 16-bit value is used as the count for GP Timer 1.
3
General Purpose Timer 2 (GP Timer 2) Timebase. Selects timebase for GP Timer 2 (F0 Index 8Ah).
0: 1 second.
1: 1 millisecond.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com