Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 181 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 181 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 177Page - National Semiconductor (TI) SC1100 Datasheet HTML 178Page - National Semiconductor (TI) SC1100 Datasheet HTML 179Page - National Semiconductor (TI) SC1100 Datasheet HTML 180Page - National Semiconductor (TI) SC1100 Datasheet HTML 181Page - National Semiconductor (TI) SC1100 Datasheet HTML 182Page - National Semiconductor (TI) SC1100 Datasheet HTML 183Page - National Semiconductor (TI) SC1100 Datasheet HTML 184Page - National Semiconductor (TI) SC1100 Datasheet HTML 185Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 348 page
background image
Revision 1.1
181
www.national.com
Core Logic Module (Continued)
5
ACPI Timer SMI. Allow SMI generation for MSB toggles on the ACPI Timer (F1BAR0+I/O Offset 1Ch or
F1BAR1+I/O Offset 1Ch).
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 87h/F7h[0].
4
THRM# SMI. Allow SMI generation on assertion of THRM# (ball AE15).
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 87h/F7h[6].
3
Reserved. Must be set to 0.
2
Reserved. Must be set to 0.
1
General Purpose Timer 2 Enable. Turn on GP Timer 2 Count Register (F0 Index 8Ah) and generate an SMI when the
timer expires.
0: Disable.
1: Enable.
This idle timer is reloaded from the assertion of GPIO7 (if programmed to do so). GP Timer 2 programming is at F0 Index
8Bh[5,3,2].
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[9].
Second level SMI status is reported at F1BAR0+I/O Offset 04h/06h[1].
0
General Purpose Timer 1 Enable. Turn on GP Timer 1 Count Register (F0 Index 88h) and generate an SMI when the timer
expires.
0: Disable.
1: Enable.
This idle timer’s load is multi-sourced and gets reloaded any time an enabled event (F0 Index 89h[6:0]) occurs.
GP Timer 1 programming is at F0 Index 8Bh[4].
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[9].
Second level SMI status is reported at F1BAR0+I/O Offset 04h/06h[0].
Index 84h
Second Level PME/SMI Status Mirror Register 1 (RO)
Reset Value: 00h
The bits in this register are used for the second level of status reporting. The top level is reported at F1BAR0+I/O Offset 00h/02h[0].
This register is called a "mirror" register since an identical register exists at F0 Index F4h. Reading this register does not clear the status,
while reading its counterpart at F0 Index F4h clears the status at both the second and the top levels.
7:3
Reserved. Reads as 0.
2
GPWIO2 SMI Status. Indicates whether or not an SMI was caused by a transition on the GPWIO2 pin.
0: No.
1: Yes.
To enable SMI generation:
1) Ensure that GPWIO2 is enabled as an input: F1BAR1+I/O Offset 15h[2] = 0.
2) Set F1BAR1+I/O Offset 15h[6] to 1.
1
GPWIO1 SMI Status. Indicates whether or not an SMI was caused by a transition on the GPWIO1 pin.
0: No.
1: Yes.
To enable SMI generation:
1) Ensure that GPWIO1 is enabled as an input: F1BAR1+I/O Offset 15h[1] = 0.
2) Set F1BAR1+I/O Offset 15h[5] to 1.
0
GPWIO0 SMI Status. Indicates whether or not an SMI was caused by a transition on the GPWIO0 pin.
0: No.
1: Yes.
To enable SMI generation:
1) Ensure that GPWIO0 is enabled as an input: F1BAR1+I/O Offset 15h[0] = 0.
2) Set F1BAR1+I/O Offset 15h[4] to 1.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com