Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 178 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 178 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 174Page - National Semiconductor (TI) SC1100 Datasheet HTML 175Page - National Semiconductor (TI) SC1100 Datasheet HTML 176Page - National Semiconductor (TI) SC1100 Datasheet HTML 177Page - National Semiconductor (TI) SC1100 Datasheet HTML 178Page - National Semiconductor (TI) SC1100 Datasheet HTML 179Page - National Semiconductor (TI) SC1100 Datasheet HTML 180Page - National Semiconductor (TI) SC1100 Datasheet HTML 181Page - National Semiconductor (TI) SC1100 Datasheet HTML 182Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 348 page
background image
www.national.com
178
Revision 1.1
Core Logic Module (Continued)
1
Idle Timers. Device idle timers.
0: Disable.
1: Enable.
Note:
Disable at this level does not reload the timers on the enable. The timers are disabled at their current counts.
This bit has no affect on the Suspend Modulation Counters (F0 Index 94h).
Only applicable when in APM mode (F1BAR1+I/O Offset 0Ch[0] = 0) and not ACPI mode.
0
Power Management. Global power management.
0: Disable.
1: Enable.
This bit must be set to 1 immediately after POST for power management resources to function.
Index 81h
Power Management Enable Register 2 (R/W)
Reset Value: 00h
7
Reserved. Must be set to 0.
6
User Defined Device 3 (UDEF3) Idle Timer Enable. Turn on UDEF3 Idle Timer Count Register (F0 Index A4h) and gener-
ate an SMI when the timer expires.
0: Disable.
1: Enable.
If an access occurs in the programmed address range, the timer is reloaded with the programmed count.
UDEF3 address programming is at F0 Index C8h (base address register) and CEh (control register).
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[6].
5
User Defined Device 2 (UDEF2) Idle Timer Enable. Turn on UDEF2 Idle Timer Count Register (F0 Index A2h) and gener-
ate an SMI when the timer expires.
0: Disable.
1: Enable.
If an access occurs in the programmed address range, the timer is reloaded with the programmed count.
UDEF2 address programming is at F0 Index C4h (base address register) and CDh (control register).
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[5].
4
User Defined Device 1 (UDEF1) Idle Timer Enable. Turn on UDEF1 Idle Timer Count Register (F0 Index A0h) and gener-
ate an SMI when the timer expires.
0: Disable.
1: Enable.
If an access occurs in the programmed address range, the timer is reloaded with the programmed count.
UDEF1 address programming is at F0 Index C0h (base address register) and CCh (control register).
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[4].
3
Keyboard/Mouse Idle Timer Enable. Turn on Keyboard/Mouse Idle Timer Count Register (F0 Index 9Eh) and generate an
SMI when the timer expires.
0: Disable.
1: Enable.
If an access occurs in the address ranges listed below, the timer is reloaded with the programmed count:
— Keyboard Controller: I/O Ports 060h/064h.
— COM1: I/O Port 3F8h-3FFh (if F0 Index 93h[1:0] = 10 this range is included).
— COM2: I/O Port 2F8h-2FFh (if F0 Index 93h[1:0] = 11 this range is included).
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[3].
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com