Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 176 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 176 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 172Page - National Semiconductor (TI) SC1100 Datasheet HTML 173Page - National Semiconductor (TI) SC1100 Datasheet HTML 174Page - National Semiconductor (TI) SC1100 Datasheet HTML 175Page - National Semiconductor (TI) SC1100 Datasheet HTML 176Page - National Semiconductor (TI) SC1100 Datasheet HTML 177Page - National Semiconductor (TI) SC1100 Datasheet HTML 178Page - National Semiconductor (TI) SC1100 Datasheet HTML 179Page - National Semiconductor (TI) SC1100 Datasheet HTML 180Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 348 page
background image
www.national.com
176
Revision 1.1
Core Logic Module (Continued)
Index 6Eh-6Fh
ROM Mask Register (R/W)
Reset Value: FFF0h
15:8
Reserved. Must be set to FFh.
7:4
ROM Size. If F0 Index 52h[2] = 1:
0000: 16 MB = FF000000h-FFFFFFFFh
1000: 8 MB = FF800000h-FFFFFFFFh
1100: 4 MB = FFC00000h-FFFFFFFFh
1110: 2 MB = FFE00000h-FFFFFFFFh
1111: 1 MB = FFF00000h-FFFFFFFFh
All other settings for these bits are reserved.
3:0
Reserved. Must be set to 0.
Index 70h-71h
IOCS1# Base Address Register (R/W)
Reset Value: 0000h
15:0
I/O Chip Select 1 Base Address. This 16-bit value represents the I/O base address used to enable assertion of IOCS1#
(ball D22, muxed with GPIO14+IOR#+DOCR# see PMR[21,2] in Table 3-2 on page 50 for ball function selection).
This register is used in conjunction with F0 Index 72h (IOCS1# Control register).
Index 72h
IOCS1# Control Register (R/W)
Reset Value: 00h
This register is used in conjunction with F0 Index 70h (IOCS1# Base Address register).
7
I/O Chip Select 1 Positive Decode (IOCS1#).
0: Disable.
1: Enable.
6
Writes Result in Chip Select. When this bit is set to 1, writes to configured I/O address (base address configured in F0
Index 70h; range configured in bits [4:0]) cause IOCS1# to be asserted.
0: Disable.
1: Enable.
5
Reads Result in Chip Select. When this bit is set to 1, reads from configured I/O address (base address configured in F0
Index 70h; range configured in bits [4:0]) cause IOCS1# to be asserted.
0: Disable.
1: Enable.
4:0
IOCS1# I/O Address Range. This 5-bit field is used to select the range of IOCS1#.
00000: 1 Byte
01111: 16 Bytes
00001: 2 Bytes
11111: 32 Bytes
00011: 4 Bytes
All other combinations are reserved.
00111: 8 Bytes
Index 73h
Reserved
Reset Value: 00h
Index 74h-75h
IOCS0# Base Address Register (R/W)
Reset Value: 0000h
15:0
I/O Chip Select 0 Base Address. This 16-bit value represents the I/O base address used to enable the assertion of
IOCS0# (ball B23, muxed with GPIO17+IOCHRDY, see PMR[9,5] in Table 3-2 on page 50 for ball function selection).
This register is used in conjunction with F0 Index 76h (IOCS0# Control register).
Index 76h
IOCS0# Control Register (R/W)
Reset Value: 00h
This register is used in conjunction with F0 Index 74h (IOCS0# Base Address register).
7
I/O Chip Select 0 Positive Decode (IOCS0#).
0: Disable.
1: Enable.
6
Writes Result in Chip Select. When this bit is set to 1, writes to configured I/O address (base address configured in F0
Index 74h; range configured in bits [4:0]) cause IOCS0# to be asserted.
0: Disable.
1: Enable.
5
Reads Result in Chip Select. When this bit is set to 1, reads from configured I/O address (base address configured in F0
Index 74h; range configured in bits [4:0]) cause IOCS0# to be asserted.
0: Disable.
1: Enable.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com