Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 172 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 172 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 168Page - National Semiconductor (TI) SC1100 Datasheet HTML 169Page - National Semiconductor (TI) SC1100 Datasheet HTML 170Page - National Semiconductor (TI) SC1100 Datasheet HTML 171Page - National Semiconductor (TI) SC1100 Datasheet HTML 172Page - National Semiconductor (TI) SC1100 Datasheet HTML 173Page - National Semiconductor (TI) SC1100 Datasheet HTML 174Page - National Semiconductor (TI) SC1100 Datasheet HTML 175Page - National Semiconductor (TI) SC1100 Datasheet HTML 176Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 348 page
background image
www.national.com
172
Revision 1.1
Core Logic Module (Continued)
2:0
ISA Clock Divisor. Determines the divisor of the PCI clock used to make the ISA clock, which is typically programmed for
approximately 8 MHz:
000: Divide by 1
100: Divide by 5
001: Divide by 2
101: Divide by 6
010: Divide by 3
110: Divide by 7
011: Divide by 4
111: Divide by 8
If PCI clock = 25 MHz, use setting of 010 (divide by 3).
If PCI clock = 30 or 33 MHz, use a setting of 011 (divide by 4).
Index 51h
ISA I/O Recovery Control Register (R/W)
Reset Value: 40h
7:4
8-Bit I/O Recovery. These bits determine the number of ISA bus clocks between back-to-back 8-bit I/O read cycles. This
count is in addition to a preset one-clock delay built into the controller.
0000: 1 PCI clock
0001: 2 PCI clocks
:::
:::
:::
1111: 16 PCI clocks
3:0
16-Bit I/O Recovery. These bits determine the number of ISA bus clocks between back-to-back 16-bit I/O cycles. This
count is in addition to a preset one-clock delay built into the controller.
0000: 1 PCI clock
0001: 2 PCI clocks
:::
:::
:::
1111: 16 PCI clocks
Index 52h
ROM/AT Logic Control Register (R/W)
Reset Value: 98h
7
Snoop Fast Keyboard Gate A20 and Fast Reset. Enables the snoop logic associated with keyboard commands for A20
Mask and Reset.
0: Disable snooping. The keyboard controller handles the commands.
1: Enable snooping.
6:5
Reserved.
4
Enable A20M# Deassertion on Warm Reset. Force A20M# high during a Warm Reset (guarantees that A20M# is deas-
serted regardless of the state of A20).
0: Disable.
1: Enable.
3
Enable Port 092h (Port A). Port 092h decode and the logical functions.
0: Disable.
1: Enable.
2
Upper ROM Size. Selects upper ROM addressing size.
0: 256K (FFFC0000h-FFFFFFFFh).
1: Use ROM Mask register (F0 Index 6Eh).
ROMCS# goes active for the above ranges whether strapped for ISA or LPC. (Refer to F0BAR1+I/O Offset 10h[15] for fur-
ther strapping/programming details.)
The selected range can then be either positively or subtractively decoded through F0 Index 5Bh[5].
1
ROM Write Enable. When asserted, enables writes to ROM space, allowing Flash programming.
If strapped for ISA and this bit is set to 1, writes to the configured ROM space asserts ROMCS#, enabling the write cycle to
the Flash device on the ISA bus. Otherwise, ROMCS# is inhibited for writes.
If strapped for LPC and this bit is set to 1, the cycle runs on the LPC bus. Otherwise, the LPC bus cycle is inhibited for
writes.
Refer to F0BAR1+I/O Offset 10h[15] for further strapping/programming details.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com