Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 171 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 171 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 167Page - National Semiconductor (TI) SC1100 Datasheet HTML 168Page - National Semiconductor (TI) SC1100 Datasheet HTML 169Page - National Semiconductor (TI) SC1100 Datasheet HTML 170Page - National Semiconductor (TI) SC1100 Datasheet HTML 171Page - National Semiconductor (TI) SC1100 Datasheet HTML 172Page - National Semiconductor (TI) SC1100 Datasheet HTML 173Page - National Semiconductor (TI) SC1100 Datasheet HTML 174Page - National Semiconductor (TI) SC1100 Datasheet HTML 175Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 348 page
background image
Revision 1.1
171
www.national.com
Core Logic Module (Continued)
Index 46h
PCI Functions Enable Register (R/W)
Reset Value: FEh
7:6
Reserved. Resets to 11.
5
F5 (PCI Function 5). When asserted (set to 1), enables the register space designated as F5.
This bit must always be set to 1. (Default)
4
Reserved. Must be set to 0.
3
F3 (PCI Function 3). When asserted (set to 1), enables the register space designated as F3.
This bit must always be set to 1. (Default)
2
F2 (PCI Function 2). When asserted (set to 1), enables the register space designated as F2.
This bit must always be set to 1. (Default)
1
F1 (PCI Function 1). When asserted (set to 1), enables the register space designated as F1.
This bit must always be set to 1. (Default)
0
Reserved. Must be set to 0.
Index 47h
Miscellaneous Enable Register (R/W)
Reset Value: 00h
7:3
Reserved. Must be set to 0.
2
F0BAR1 (PCI Function 0, Base Address Register 1). F0BAR1, pointer to I/O mapped LPC configuration registers.
0: Disable.
1: Enable.
1
F0BAR0 (PCI Function 0, Base Address Register 0). F0BAR0, pointer to I/O mapped GPIO configuration registers.
0: Disable.
1: Enable.
0
Reserved. Must be set to 0.
Index 48h-4Bh
Reserved
Reset Value: 00h
Index 4Ch-4Fh
Top of System Memory (R/W)
Reset Value: FFFFFFFFh
31:0
Top of System Memory. Highest address in system used to determine active decode for external PCI mastered memory
cycles.
If an external PCI master requests a memory address below the value programmed in this register, the cycle is transferred
from the external PCI bus interface to the Fast-PCI interface for servicing by the GX1 module.
Note:
The 4 least significant bits must be set to 1.
Index 50h
PIT Control/ISA CLK Divider (R/W)
Reset Value: 7Bh
7
PIT Software Reset.
0: Disable.
1: Enable.
6
PIT Counter 1.
0: Forces Counter 1 output (OUT1) to zero.
1: Allows Counter 1 output (OUT1) to pass to the Port 061h[4].
5
PIT Counter 1 Enable.
0: Sets GATE1 input low.
1: Sets GATE1 input high.
4
PIT Counter 0.
0: Forces Counter 0 output (OUT0) to zero.
1: Allows Counter 0 output (OUT0) to pass to IRQ0.
3
PIT Counter 0 Enable.
0: Sets GATE0 input low.
1: Sets GATE0 input high.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com