Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 167 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 167 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 163Page - National Semiconductor (TI) SC1100 Datasheet HTML 164Page - National Semiconductor (TI) SC1100 Datasheet HTML 165Page - National Semiconductor (TI) SC1100 Datasheet HTML 166Page - National Semiconductor (TI) SC1100 Datasheet HTML 167Page - National Semiconductor (TI) SC1100 Datasheet HTML 168Page - National Semiconductor (TI) SC1100 Datasheet HTML 169Page - National Semiconductor (TI) SC1100 Datasheet HTML 170Page - National Semiconductor (TI) SC1100 Datasheet HTML 171Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 348 page
background image
Revision 1.1
167
www.national.com
Core Logic Module (Continued)
3
Special Cycles. Allow the Core Logic module to respond to special cycles.
0: Disable.
1: Enable. (Default)
This bit must be enabled to allow the internal CPU Warm Reset signal to be triggered from a CPU Shutdown cycle.
2
Bus Master. Allow the Core Logic module bus mastering capabilities.
0: Disable.
1: Enable. (Default)
This bit must be set to 1.
1
Memory Space. Allow the Core Logic module to respond to memory cycles from the PCI bus.
0: Disable.
1: Enable. (Default)
0
I/O Space. Allow the Core Logic module to respond to I/O cycles from the PCI bus:
0: Disable.
1: Enable. (Default)
This bit must be set to 1 to access I/O offsets through F0BAR0 and F0BAR1 (see F0 Index 10h and 14h).
Index 06h-07h
PCI Status Register (R/W)
Reset Value: 0280h
15
Detected Parity Error. This bit is set whenever a parity error is detected.
Write 1 to clear.
14
Signaled System Error. This bit is set whenever the Core Logic module asserts SERR# active.
Write 1 to clear.
13
Received Master Abort. This bit is set whenever a master abort cycle occurs. A master abort occurs when a PCI cycle is
not claimed, except for special cycles.
Write 1 to clear.
12
Received Target Abort. This bit is set whenever a target abort is received while the Core Logic module is the master for the
PCI cycle.
Write 1 to clear.
11
Signaled Target Abort. This bit is set whenever the Core Logic module signals a target abort. This occurs when an address
parity error occurs for an address that hits in the active address decode space of the Core Logic module.
Write 1 to clear.
10:9
DEVSEL# Timing. (Read Only) These bits are always 01, as the Core Logic module always responds to cycles for which it
is an active target with medium DEVSEL# timing.
00: Fast.
01: Medium.
10: Slow.
11: Reserved.
8
Data Parity Detected. This bit is set when:
1)
The Core Logic module asserts PERR# or observed PERR# asserted.
2)
The Core Logic module is the master for the cycle in which the PERR# occurred, and PE is set (F0 Index 04h[6] = 1).
Write 1 to clear.
7
Fast Back-to-Back Capable. (Read Only) Enables the Core Logic module, as a target, to accept fast back-to-back trans-
actions.
0: Disable.
1: Enable.
This bit is always set to 1.
6:0
Reserved. (Read Only) Must be set to 0 for future use.
Index 08h
Device Revision ID Register (RO)
Reset Value: 00h
Index 09h-0Bh
PCI Class Code Register (RO)
Reset Value: 060100h
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com