Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 164 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 164 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 160Page - National Semiconductor (TI) SC1100 Datasheet HTML 161Page - National Semiconductor (TI) SC1100 Datasheet HTML 162Page - National Semiconductor (TI) SC1100 Datasheet HTML 163Page - National Semiconductor (TI) SC1100 Datasheet HTML 164Page - National Semiconductor (TI) SC1100 Datasheet HTML 165Page - National Semiconductor (TI) SC1100 Datasheet HTML 166Page - National Semiconductor (TI) SC1100 Datasheet HTML 167Page - National Semiconductor (TI) SC1100 Datasheet HTML 168Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 348 page
background image
www.national.com
164
Revision 1.1
Core Logic Module (Continued)
Table 5-28. ISA Legacy I/O Register Summary
I/O Port
Type
Name
Reference
DMA Channel Control Registers (Table 5-43)
000h
R/W
DMA Channel 0 Address Register
Page 265
001h
R/W
DMA Channel 0 Transfer Count Register
Page 265
002h
R/W
DMA Channel 1 Address Register
Page 265
003h
R/W
DMA Channel 1 Transfer Count Register
Page 265
004h
R/W
DMA Channel 2 Address Register
Page 265
005h
R/W
DMA Channel 2 Transfer Count Register
Page 265
006h
R/W
DMA Channel 3 Address Register
Page 265
007h
R/W
DMA Channel 3 Transfer Count Register
Page 265
008h
Read
DMA Status Register, Channels 3:0
Page 265
Write
DMA Command Register, Channels 3:0
Page 266
009h
WO
Software DMA Request Register, Channels 3:0
Page 266
00Ah
W
DMA Channel Mask Register, Channels 3:0
Page 267
00Bh
WO
DMA Channel Mode Register, Channels 3:0
Page 267
00Ch
WO
DMA Clear Byte Pointer Command, Channels 3:0
Page 267
00Dh
WO
DMA Master Clear Command, Channels 3:0
Page 267
00Eh
WO
DMA Clear Mask Register Command, Channels 3:0
Page 267
00Fh
WO
DMA Write Mask Register Command, Channels 3:0
Page 267
0C0h
R/W
DMA Channel 4 Address Register (Not used)
Page 267
0C2h
R/W
DMA Channel 4 Transfer Count Register (Not Used)
Page 267
0C4h
R/W
DMA Channel 5 Address Register
Page 267
0C6h
R/W
DMA Channel 5 Transfer Count Register
Page 267
0C8h
R/W
DMA Channel 6 Address Register
Page 267
0CAh
R/W
DMA Channel 6 Transfer Count Register
Page 268
0CCh
R/W
DMA Channel 7 Address Register
Page 268
0CEh
R/W
DMA Channel 7 Transfer Count Register
Page 268
0D0h
Read
DMA Status Register, Channels 7:4
Page 268
Write
DMA Command Register, Channels 7:4
Page 268
0D2h
WO
Software DMA Request Register, Channels 7:4
Page 269
0D4h
W
DMA Channel Mask Register, Channels 7:4
Page 269
0D6h
WO
DMA Channel Mode Register, Channels 7:4
Page 269
0D8h
WO
DMA Clear Byte Pointer Command, Channels 7:4
Page 269
0DAh
WO
DMA Master Clear Command, Channels 7:4
Page 269
0DCh
WO
DMA Clear Mask Register Command, Channels 7:4
Page 269
0DEh
WO
DMA Write Mask Register Command, Channels 7:4
Page 269
DMA Page Registers (Table 5-44)
081h
R/W
DMA Channel 2 Low Page Register
Page 270
082h
R/W
DMA Channel 3 Low Page Register
Page 270
083h
R/W
DMA Channel 1 Low Page Register
Page 270
087h
R/W
DMA Channel 0 Low Page Register
Page 270
089h
R/W
DMA Channel 6 Low Page Register
Page 270
08Ah
R/W
DMA Channel 7 Low Page Register
Page 270
08Bh
R/W
DMA Channel 5 Low Page Register
Page 270
08Fh
R/W
Sub-ISA Refresh Low Page Register
Page 270
481h
R/W
DMA Channel 2 High Page Register
Page 270
482h
R/W
DMA Channel 3 High Page Register
Page 270
483h
R/W
DMA Channel 1 High Page Register
Page 270
487h
R/W
DMA Channel 0 High Page Register
Page 270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com