Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 165 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 165 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 161Page - National Semiconductor (TI) SC1100 Datasheet HTML 162Page - National Semiconductor (TI) SC1100 Datasheet HTML 163Page - National Semiconductor (TI) SC1100 Datasheet HTML 164Page - National Semiconductor (TI) SC1100 Datasheet HTML 165Page - National Semiconductor (TI) SC1100 Datasheet HTML 166Page - National Semiconductor (TI) SC1100 Datasheet HTML 167Page - National Semiconductor (TI) SC1100 Datasheet HTML 168Page - National Semiconductor (TI) SC1100 Datasheet HTML 169Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 348 page
background image
Revision 1.1
165
www.national.com
Core Logic Module (Continued)
489h
R/W
DMA Channel 6 High Page Register
Page 270
48Ah
R/W
DMA Channel 7 High Page Register
Page 270
48Bh
R/W
DMA Channel 5 High Page Register
Page 270
Programmable Interval Timer Registers (Table 5-45)
040h
W
PIT Timer 0 Counter
Page 271
R
PIT Timer 0 Status
Page 271
041h
W
PIT Timer 1 Counter (Refresh)
Page 271
R
PIT Timer 1 Status (Refresh)
Page 271
042h
W
PIT Timer 2 Counter (Speaker)
Page 271
R
PIT Timer 2 Status (Speaker)
Page 271
043h
R/W
PIT Mode Control Word Register
Page 272
Read Status Command
Counter Latch Command
Programmable Interrupt Controller Registers (Table 5-46)
020h / 0A0h
WO
Master / Slave PCI ICW1
Page 273
021h / 0A1h
WO
Master / Slave PIC ICW2
Page 273
021h / 0A1h
WO
Master / Slave PIC ICW3
Page 273
021h / 0A1h
WO
Master / Slave PIC ICW4
Page 273
021h / 0A1h
R/W
Master / Slave PIC OCW1
Page 273
020h / 0A0h
WO
Master / Slave PIC OCW2
Page 274
020h / 0A0h
WO
Master / Slave PIC OCW3
Page 274
020h / 0A0h
RO
Master / Slave PIC Interrupt Request and Service Registers for OCW3 Commands
Page 274
Keyboard Controller Registers (Table 5-47)
060h
R/W
External Keyboard Controller Data Register
Page 276
061h
R/W
Port B Control Register
Page 276
062h
R/W
External Keyboard Controller Mailbox Register
Page 276
064h
R/W
External Keyboard Controller Command Register
Page 276
066h
R/W
External Keyboard Controller Mailbox Register
Page 276
092h
R/W
Port A Control Register
Page 276
Real-Time Clock Registers (Table 5-48)
070h
WO
RTC Address Register
Page 277
071h
R/W
RTC Data Register
Page 277
072h
WO
RTC Extended Address Register
Page 277
073h
R/W
RTC Extended Data Register
Page 277
Miscellaneous Registers (Table 5-49)
0F0h, 0F1h
WO
Coprocessor Error Register
Page 277
1F0-1F7h/
3F6h-3F7h
R/W
Primary IDE Registers
Page 277
4D0h
R/W
Interrupt Edge/Level Select Register 1
Page 277
4D1h
R/W
Interrupt Edge/Level Select Register 2
Page 278
Table 5-28. ISA Legacy I/O Register Summary (Continued)
I/O Port
Type
Name
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com