Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 169 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 169 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 165Page - National Semiconductor (TI) SC1100 Datasheet HTML 166Page - National Semiconductor (TI) SC1100 Datasheet HTML 167Page - National Semiconductor (TI) SC1100 Datasheet HTML 168Page - National Semiconductor (TI) SC1100 Datasheet HTML 169Page - National Semiconductor (TI) SC1100 Datasheet HTML 170Page - National Semiconductor (TI) SC1100 Datasheet HTML 171Page - National Semiconductor (TI) SC1100 Datasheet HTML 172Page - National Semiconductor (TI) SC1100 Datasheet HTML 173Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 348 page
background image
Revision 1.1
169
www.national.com
Core Logic Module (Continued)
Index 40h
PCI Function Control Register 1 (R/W)
Reset Value: 39h
7:6
Reserved. Must be set to 0.
5
Reserved. Must be set to 0.
4
Reserved. Must be set to 1.
3
Reserved. Must be set to 1.
2
Reserved. Must be set to 0.
1
PERR# Signals SERR#. Assert SERR# when PERR# is asserted or detected as active by the Core Logic module (allows
PERR# assertion to be cascaded to NMI (SMI) generation in the system).
0: Disable.
1: Enable.
0
PCI Interrupt Acknowledge Cycle Response. The Core Logic module responds to PCI interrupt acknowledge cycles.
0: Disable.
1: Enable.
Index 41h
PCI Function Control Register 2 (R/W)
Reset Value: 00h
7:6
Reserved. Must be set to 0.
5
X-Bus Configuration Trap. If this bit is set to 1 and an access occurs to one of the configuration registers in PCI Function
5 (F5) register space, an SMI is generated.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[9].
Second level SMI status is reported at F1BAR0+I/O Offset 04h/06h[5].
4
Reserved. Must be set to 0.
3
XpressAUDIO Configuration Trap. If this bit is set to 1 and an access occurs to one of the configuration registers in PCI
Function 3 (F3) register space, an SMI is generated.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[9].
Second level SMI status is reported at F1BAR0+I/O Offset 04h/06h[5].
2
IDE Configuration Trap. If this bit is set to 1 and an access occurs to one of the configuration registers in PCI Function 2
(F2) register space, an SMI is generated.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[9].
Second level SMI status is reported at F1BAR0+I/O Offset 04h/06h[5].
1
Power Management Configuration Trap. If this bit is set to 1 and an access occurs to one of the configuration registers in
PCI Function 1 (F1) register space, an SMI is generated.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[9].
Second level SMI status is reported at F1BAR0+I/O Offset 04h/06h[5].
0
Legacy Configuration SMI. If this bit is set to 1 and an access occurs to one of the configuration registers in the ISA Leg-
acy I/O register space, an SMI is generated.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[9].
Second level SMI status is reported at F1BAR0+I/O Offset 04h/06h[5].
Index 42h
Reserved
Reset Value: 00h
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com