Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 173 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 173 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 169Page - National Semiconductor (TI) SC1100 Datasheet HTML 170Page - National Semiconductor (TI) SC1100 Datasheet HTML 171Page - National Semiconductor (TI) SC1100 Datasheet HTML 172Page - National Semiconductor (TI) SC1100 Datasheet HTML 173Page - National Semiconductor (TI) SC1100 Datasheet HTML 174Page - National Semiconductor (TI) SC1100 Datasheet HTML 175Page - National Semiconductor (TI) SC1100 Datasheet HTML 176Page - National Semiconductor (TI) SC1100 Datasheet HTML 177Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 348 page
background image
Revision 1.1
173
www.national.com
Core Logic Module (Continued)
0
Lower ROM Size. Selects lower ROM addressing size in which ROMCS# goes active.
0: Lower ROM access are 000F0000h-000FFFFFh (64 KB) (Default).
1: Lower ROM accesses are 000E0000h-000FFFFFh (128 KB).
ROMCS# goes active for the above ranges whether strapped for ISA or LPC. (Refer to F0BAR1+I/O Offset 10h[15] for fur-
ther strapping/programming details.)
The selected range can then be either positively or subtractively decoded through F0 Index 5Bh[5].
Index 53h
Alternate CPU Support Register (R/W)
Reset Value: 00h
7
Reserved. Must be set to 0.
6
Reserved. Must be set to 0.
5
Bidirectional SMI Enable.
0: Disable.
1: Enable.
This bit must be set to 0.
4:2
Reserved. Must be set to 0.
1
IRQ13 Function Selection. Selects function of the internal IRQ13/FERR# signal.
0: FERR#.
1: IRQ13.
This bit must be set to 1.
0
Generate SMI on A20M# Toggle.
0: Disable.
1: Enable.
This bit must be set to 1.
SMI status is reported at F1BAR0+I/O Offset 00h/02h[7].
Index 54h-59h
Reserved
Reset Value: 00h
Index 5Ah
Decode Control Register 1 (R/W)
Reset Value: 01h
Indicates PCI positive or negative decoding for various I/O ports on the ISA bus.
Note:
Positive decoding by the Core Logic module speeds up I/O cycle time. The I/O ports mentioned in the bit descriptions below, do
not exist in the Core Logic module. It is assumed that if positive decode is enabled for a port, the port exists on the ISA bus.
7
Secondary Floppy Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 372h-375h
and 377h.
0: Subtractive.
1: Positive.
6
Primary Floppy Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 3F2h-3F5h and
3F7h.
0: Subtractive.
1: Positive.
5
COM4 Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 2E8h-2EFh.
0: Subtractive.
1: Positive.
4
COM3 Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 3E8h-3EFh.
0: Subtractive.
1: Positive.
3
COM2 Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 2F8h-2FFh.
0: Subtractive.
1: Positive.
2
COM1 Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 3F8h-3FFh.
0: Subtractive.
1: Positive.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com