Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 175 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 175 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 171Page - National Semiconductor (TI) SC1100 Datasheet HTML 172Page - National Semiconductor (TI) SC1100 Datasheet HTML 173Page - National Semiconductor (TI) SC1100 Datasheet HTML 174Page - National Semiconductor (TI) SC1100 Datasheet HTML 175Page - National Semiconductor (TI) SC1100 Datasheet HTML 176Page - National Semiconductor (TI) SC1100 Datasheet HTML 177Page - National Semiconductor (TI) SC1100 Datasheet HTML 178Page - National Semiconductor (TI) SC1100 Datasheet HTML 179Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 348 page
background image
Revision 1.1
175
www.national.com
Core Logic Module (Continued)
3:0
INTA# (Ball AD26) Target Interrupt.
0000: Disable
0100: IRQ4
1000: Reserved
1100: IRQ12
0001: IRQ1
0101: IRQ5
1001: IRQ9
1101: Reserved
0010: Reserved
0110: IRQ6
1010: IRQ10
1110: IRQ14
0011: IRQ3
0111: IRQ7
1011: IRQ11
1111: IRQ15
Index 5Dh
PCI Interrupt Steering Register 2 (R/W)
Reset Value: 00h
Indicates target interrupts for signals INTD# (ball V24) and INTC# (ball Y24). Note that INTC# is muxed with GPIO19 (selection made
via PMR[4], see Table 3-2 on page 50 for PMR[4] bit description).
Note:
The target interrupt must first be configured as level sensitive via I/O Ports 4D0h and 4D1h in order to maintain PCI interrupt
compatibility.
7:4
INTD# (Ball V24) Target Interrupt.
0000: Disable
0100: IRQ4
1000: Reserved
1100: IRQ12
0001: IRQ1
0101: IRQ5
1001: IRQ9
1101: Reserved
0010: Reserved
0110: IRQ6
1010: IRQ10
1110: IRQ14
0011: IRQ3
0111: IRQ7
1011: IRQ11
1111: IRQ15
3:0
INTC (Ball Y24) Target Interrupt.
0000: Disable
0100: IRQ4
1000: Reserved
1100: IRQ12
0001: IRQ1
0101: IRQ5
1001: IRQ9
1101: Reserved
0010: Reserved
0110: IRQ6
1010: IRQ10
1110: IRQ14
0011: IRQ3
0111: IRQ7
1011: IRQ11
1111: IRQ15
Index 5Eh-5Fh
Reserved
Reset Value: 00h
Index 60h-63h
ACPI Control Register (R/W)
Reset Value: 00000000h
31:8
Reserved. Must be set to 0.
7
Internal SUSP_3V Shut Down PLL5. Allow internal SUSP_3V to shut down PLL5.
0: Clock generator is stopped when internal SUSP_3V is active.
1:
Clock generator continues working when internal SUSP_3V is active.
6
SUSP_3V Shut Down PLL4. Allow internal SUSP_3V to shut down PLL4.
0: Clock generator is stopped when internal SUSP_3V is active.
1:
Clock generator continues working when internal SUSP_3V is active.
5
SUSP_3V Shut Down PLL3. Allow internal SUSP_3V to shut down PLL3.
0: Clock generator is stopped when internal SUSP_3V is active.
1:
Clock generator continues working when internal SUSP_3V is active.
4
Reserved.
3
SUSP_3V Shut Down FMUL3. Allow internal SUSP_3V to shut down FMUL3.
0: Clock generator is stopped when internal SUSP_3V is active.
1:
Clock generator continues working when internal SUSP_3V is active.
2
ACPI C3 SUSP_3V Enable. Allow internal SUSP_3V to be active during C3 state.
0: Disable.
1: Enable.
1
ACPI SL1 SUSP_3V Enable. Allow internal SUSP_3V to be active during SL1 sleep state.
0: Disable.
1: Enable.
0
ACPI C3 Support Enable. Allow support of C3 states.
0: Disable.
1: Enable.
Index 64h-6Dh
Reserved
Reset Value: 00h
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com