Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 162 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 162 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 158Page - National Semiconductor (TI) SC1100 Datasheet HTML 159Page - National Semiconductor (TI) SC1100 Datasheet HTML 160Page - National Semiconductor (TI) SC1100 Datasheet HTML 161Page - National Semiconductor (TI) SC1100 Datasheet HTML 162Page - National Semiconductor (TI) SC1100 Datasheet HTML 163Page - National Semiconductor (TI) SC1100 Datasheet HTML 164Page - National Semiconductor (TI) SC1100 Datasheet HTML 165Page - National Semiconductor (TI) SC1100 Datasheet HTML 166Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 348 page
background image
www.national.com
162
Revision 1.1
Core Logic Module (Continued)
Table 5-26. PCIUSB: USB PCI Configuration Register Summary
PCIUSB
Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-41)
00h-01h
16
RO
Vendor Identification
0E11h
Page 251
02h-03h
16
RO
Device Identification
A0F8h
Page 251
04h-05h
16
R/W
Command Register
00h
Page 251
06h-07h
16
R/W
Status Register
0280h
Page 252
08h
8
RO
Device Revision ID
08h
Page 252
09h-0Bh
24
RO
Class Code
0C0310h
Page 252
0Ch
8
R/W
Cache Line Size
00h
Page 252
0Dh
8
R/W
Latency Timer
00h
Page 252
0Eh
8
RO
Header Type
00h
Page 252
0Fh
8
RO
BIST Register
00h
Page 252
10h-13h
32
R/W
Base Address 0
00000000h
Page 252
14h-2Bh
--
--
Reserved
00h
Page 253
2Ch-2Dh
16
RO
Subsystem Vendor ID
0E11h
Page 253
2Eh-2Fh
16
RO
Subsystem ID
A0F8h
Page 253
30h-3Bh
--
--
Reserved
00h
Page 253
3Ch
8
R/W
Interrupt Line Register
00h
Page 253
3Dh
8
R/W
Interrupt Pin Register
01h
Page 253
3Eh
8
RO
Min. Grant Register
00h
Page 253
3Fh
8
RO
Max. Latency Register
50h
Page 253
40h-43h
32
R/W
ASIC Test Mode Enable Register
000F0000h
Page 253
44h
8
R/W
ASIC Operational Mode Enable
00h
Page 253
45h-FFh
--
--
Reserved
00h
Page 253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com